Electronic Components Datasheet Search
  English  ▼

X  

PE91041 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91041
Description  Precision SMA Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91041 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91041 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91041 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91041 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
Version C - Revision - © 2011 Pasternack Enterprises All Rights Reserved.
2
Mechanical Specifications
Temperature Operating Range (deg C)
-55 to +155
Weight (lbs)
0.14
Length (inches)
1.3
Width/Dia. (inches)
1.142
Dielectric Type
PTFE
Connector 1
SMA Male
Hex Size (mm)
8
Torque (in-lb)
4.4
Mating Cycles
100
Inner Conductor Material and Plating
Beryllium Copper, Gold, 0.76µm
Outer Conductor Material and Plating
Brass, Tri Metal – Albaloy, 2.54µm
Coupling Nut Material and Plating
Brass, Tri Metal – Albaloy, 2.54µm
Connector 2
7/16 DIN Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver, 5µm
Outer Conductor Material and Plating
Brass, Tri Metal – Albaloy, 2.54µm
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes, by exemption
Other Data
URL: http://www.pasternack.com/sma-male-7-16-female-straight-adapter-pe91041-p.aspx
Precision SMA Male to 7/16 DIN Female Adapter Low PIM, Low VSWR from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
PE91041
Precision SMA Male to 7/16 DIN Female Adapter Low PIM,
Low VSWR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com