Electronic Components Datasheet Search
  English  ▼

X  

PE91044 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91044
Description  75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91044 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91044 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91044 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
Configuration
Connector 1
SMC Jack
Impedance 1
75 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
.
Connector 1
Type
SMC Jack
Connector 2
Type
BNC Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-jack-bnc-female-straight-adapter-pe91044-p.aspx
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE91044
PE91044 REV


Similar Part No. - PE91044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9104 PASTERNACK-PE9104 Datasheet
256Kb / 3P
SMA Female to N Female 4 Hole Flange Adapter
PE91040 PASTERNACK-PE91040 Datasheet
260Kb / 3P
Low PIM N Male to N Female Adapter Low VSWR
PE91041 PASTERNACK-PE91041 Datasheet
360Kb / 3P
Precision SMA Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91042 PASTERNACK-PE91042 Datasheet
356Kb / 3P
Precision SMA Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91043 PASTERNACK-PE91043 Datasheet
348Kb / 3P
Precision SMA Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
More results

Similar Description - PE91044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9235 PASTERNACK-PE9235 Datasheet
77Kb / 1P
BNC FEMALE TO 75 OHM SMC JACK
PE9236 PASTERNACK-PE9236 Datasheet
234Kb / 2P
50 Ohm BNC Female to 75 Ohm SMC Plug Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9587 PASTERNACK-PE9587 Datasheet
253Kb / 2P
75 Ohm N Female to SMC Jack Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com