Electronic Components Datasheet Search
  English  ▼

X  

PE91046 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91046
Description  SSMA Male to BNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91046 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91046 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91046 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91046 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SSMA Male to BNC Female Adapter
Configuration
Connector 1
SSMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
BNC Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.36 [34.54]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
SSMA Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
QQ-P-35
Body Material and Plating
Brass, Nickel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Plating Specification
QQ-P-35
Body Material and Plating
Brass, Nickel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SSMA Male to BNC Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Male to BNC Female Adapter PE91046
PE91046
PE91046 REV


Similar Part No. - PE91046

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91046 PASTERNACK-PE91046 Datasheet
447Kb / 3P
SSMA Male to BNC Female Adapter
More results

Similar Description - PE91046

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9191 PASTERNACK-PE9191 Datasheet
242Kb / 2P
SSMA Female to BNC Male Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE9250 PASTERNACK-PE9250 Datasheet
75Kb / 1P
BNC FEMALE TO SSMA MALE
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
SSMA Male to N Female Adapter
PE9358 PASTERNACK-PE9358 Datasheet
240Kb / 3P
SSMA Male to SSMA Female Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
QD SSMA Male to SSMA Female Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE91046 PASTERNACK-PE91046 Datasheet
447Kb / 3P
SSMA Male to BNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com