Electronic Components Datasheet Search
  English  ▼

X  

PE91048 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91048
Description  Precision 2.4mm Female to SMP Male Adapter Full Detent
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91048 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91048 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91048 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91048 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 2.4mm Female to SMP Male Adapter Full Detent
Configuration
Connector 1
2.4mm Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMP Male
Impedance 2
50 Ohms
Connector Specification 2
DESC94007
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.925 [23.5]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
2.4mm Female
Mating Cycles
100
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Outer Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Dielectric Type
PTFE
Connector 2
Type
SMP Male
Mating Cycles
100
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS-QQ-P-35
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 2.4mm Female to SMP Male Adapter Full Detent PE91048
PE91048
PE91048 REV 1.1
Precision 2.4mm Female to SMP Male Adapter Full Detent


Similar Part No. - PE91048

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91048 PASTERNACK-PE91048 Datasheet
246Kb / 3P
Precision 2.4mm Female to SMP Male Adapter Full Detent
More results

Similar Description - PE91048

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91052 PASTERNACK-PE91052 Datasheet
450Kb / 3P
Precision SMA Male to Mini SMP Male Adapter Full Detent
PE91054 PASTERNACK-PE91054 Datasheet
456Kb / 3P
Precision SMA Female to SMP Male Bulkhead Adapter Full Detent
PE91056 PASTERNACK-PE91056 Datasheet
447Kb / 3P
Precision SMA Female to SMP Male Adapter Full Detent
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
Precision SMA Male to SMP Male Adapter Full Detent
PE91048 PASTERNACK-PE91048 Datasheet
246Kb / 3P
Precision 2.4mm Female to SMP Male Adapter Full Detent
PE91121 PASTERNACK-PE91121 Datasheet
375Kb / 3P
2.4mm Male to Mini SMP Male Adapter Full Detent
PE91122 PASTERNACK-PE91122 Datasheet
262Kb / 3P
2.4mm Female to Mini SMP Male Adapter Full Detent
PE91129 PASTERNACK-PE91129 Datasheet
376Kb / 3P
SMA Female to Mini SMP Male Adapter Full Detent
PE91299 PASTERNACK-PE91299 Datasheet
355Kb / 3P
SMA Female to Mini SMP Male Full Detent Adapter
PE91305 PASTERNACK-PE91305 Datasheet
325Kb / 3P
SMA Female to SMP Male Full Detent Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com