Electronic Components Datasheet Search
  English  ▼

X  

PE91060 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91060
Description  Precision 2.92mm Female to SMP Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91060 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91060 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91060 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91060 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 2.92mm Female to SMP Female Adapter
Configuration
Connector 1
2.92mm Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMP Female
Impedance 2
50 Ohms
Connector Specification 2
DESC94007
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.771 [19.58]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
2.92mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Dielectric Type
PTFE
Connector 2
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Precision 2.92mm Female to SMP Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 2.92mm Female to SMP Female Adapter PE91060
PE91060
PE91060 REV


Similar Part No. - PE91060

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
BNC Female to BNC Female 4 Hole Flange Adapter
PE91061 PASTERNACK-PE91061 Datasheet
460Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore
PE91062 PASTERNACK-PE91062 Datasheet
458Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
Precision SMA Male to SMP Male Adapter Full Detent
PE91064 PASTERNACK-PE91064 Datasheet
455Kb / 3P
Precision SMA Female to SMP Female Adapter
More results

Similar Description - PE91060

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
Precision 2.92mm Female to 2.92mm Female Adapter
PE9456 PASTERNACK-PE9456 Datasheet
238Kb / 3P
Precision 2.92mm Female to 2.4mm Female Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9664 PASTERNACK-PE9664 Datasheet
251Kb / 2P
Precision 2.92mm Female to N Female Adapter
PE9668 PASTERNACK-PE9668 Datasheet
252Kb / 3P
Precision 2.92mm Female to 1.85mm Female Adapter
PE9769 PASTERNACK-PE9769 Datasheet
253Kb / 3P
Precision 2.92mm Female to SSMA Female Adapter
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
PE91011 PASTERNACK-PE91011 Datasheet
246Kb / 3P
Precision SMA Female to 2.92mm Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com