Electronic Components Datasheet Search
  English  ▼

X  

PE91061 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91061
Description  Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91061 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91061 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91061 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91061 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMP Male
Impedance 2
50 Ohms
Connector Specification 2
DESC94007
Adapter Design
Precision
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Maximum VSWR
1.2:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.78 [19.81]
Width/Dia., in [mm]
0.625 [15.88]
.
Connector 1
Type
SMA Female
Mating Cycles
1,000
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS-QQ-P-35
Dielectric Type
PTFE
Connector 2
Type
SMP Male
Mating Cycles
1,000
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS-QQ-P-35
Dielectric Type
PTFE
Precision SMA Female to SMP Male 2 Hole
Flange Adapter Smooth Bore
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore PE91061
PE91061
PE91061 REV


Similar Part No. - PE91061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
BNC Female to BNC Female 4 Hole Flange Adapter
PE91060 PASTERNACK-PE91060 Datasheet
456Kb / 3P
Precision 2.92mm Female to SMP Female Adapter
PE91062 PASTERNACK-PE91062 Datasheet
458Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
Precision SMA Male to SMP Male Adapter Full Detent
PE91064 PASTERNACK-PE91064 Datasheet
455Kb / 3P
Precision SMA Female to SMP Female Adapter
More results

Similar Description - PE91061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91049 PASTERNACK-PE91049 Datasheet
448Kb / 3P
Precision SMA Female to SMP Male Adapter Smooth Bore
PE91057 PASTERNACK-PE91057 Datasheet
461Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore .450 Mounting Hole Spacing
PE91059 PASTERNACK-PE91059 Datasheet
454Kb / 3P
Precision SMA Female to SMP Male 4 Hole Flange Adapter Full Detent
PE91066 PASTERNACK-PE91066 Datasheet
457Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Limited Detent
PE91125 PASTERNACK-PE91125 Datasheet
377Kb / 3P
2.92mm Male to Mini SMP Male Adapter Smooth Bore
PE91128 PASTERNACK-PE91128 Datasheet
260Kb / 3P
2.92mm Female to Mini SMP Male Adapter Smooth Bore
PE91300 PASTERNACK-PE91300 Datasheet
324Kb / 3P
SMA Female to Mini SMP Male Smooth Bore Adapter
PE91303 PASTERNACK-PE91303 Datasheet
329Kb / 3P
SMA Male to Mini SMP Male Smooth Bore Adapter
PE91307 PASTERNACK-PE91307 Datasheet
327Kb / 3P
SMA Female to SMP Male Smooth Bore Adapter
PE91311 PASTERNACK-PE91311 Datasheet
325Kb / 3P
SMA Male to SMP Male Smooth Bore Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com