Electronic Components Datasheet Search
  English  ▼

X  

PE91065 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91065
Description  Precision SMP Female to SMP Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91065 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91065 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91065 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91065 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMP Female to SMP Female Adapter
Configuration
Connector 1
SMP Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMP Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.2:1
Maximum Insertion Loss, dB
0.43
Dielectric Withstanding Voltage, Vrms
500
Frequency 1
Frequency, GHz
DC to 26.5
VSWR
1.2:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Size
Length, in [mm]
0.254 [6.45]
Width/Dia., in [mm]
0.131 [3.33]
.
Connector 1
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Dielectric Type
PTFE
Connector 2
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204, Type I, Grade 1, Class A
Precision SMP Female to SMP Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMP Female to SMP Female Adapter PE91065
PE91065
PE91065 REV


Similar Part No. - PE91065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
BNC Female to BNC Female 4 Hole Flange Adapter
PE91060 PASTERNACK-PE91060 Datasheet
456Kb / 3P
Precision 2.92mm Female to SMP Female Adapter
PE91061 PASTERNACK-PE91061 Datasheet
460Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore
PE91062 PASTERNACK-PE91062 Datasheet
458Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
Precision SMA Male to SMP Male Adapter Full Detent
More results

Similar Description - PE91065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9776 PASTERNACK-PE9776 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 12.6mm Long Bullet
PE9779 PASTERNACK-PE9779 Datasheet
247Kb / 2P
Precision SMA Female to SMP Female Adapter
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE91051 PASTERNACK-PE91051 Datasheet
452Kb / 3P
Precision SMA Female to Mini SMP Female Adapter
PE91055 PASTERNACK-PE91055 Datasheet
458Kb / 3P
Precision 2.4mm Female to SMP Female Adapter
PE91060 PASTERNACK-PE91060 Datasheet
456Kb / 3P
Precision 2.92mm Female to SMP Female Adapter
PE91064 PASTERNACK-PE91064 Datasheet
455Kb / 3P
Precision SMA Female to SMP Female Adapter
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
logo
List of Unclassifed Man...
P617 ETC2-P617 Datasheet
149Kb / 1P
SMP FEMALE TO SMP FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
SMP Female to SMP Female Adapter .370 Special Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com