Electronic Components Datasheet Search
  English  ▼

X  

MFU112 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MFU112
Description  DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MFU112 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MFU112 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MFU112 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MFU112 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MFU112 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MFU100 SERIES
DC/DC CONVERTER 1W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/09 REV:6
Page 1 of 4
FEATURES
►Miniature DIP-Package with Industry Standard Pinout
►Package Dimension:
12.7 x 7.0 x 10.2 mm (0.50”x 0.28”x 0.40” inches)
►High I/O-Isolation 3000 VDC
►Operating Temp. Range -40°C to +85°C
►3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MFU100 series is a range of 1W DC/DC converters in a miniature DIP Package featuring I/O-isolation of 3000VDC. A high efficiency allows
an operating temperature range of –40°C to +85°C.
These converters offer an economical solution for many space critical applications where a voltage has to be isolated i.e for noise reduction, ground loop
elimination, digital interfaces or for board level power distribution.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
MFU102
5
200
4
290
11
69
MFU103
9
110
2
260
8
76
MFU104
12
84
1.5
262
7
77
MFU105
5
(4.5 ~ 5.5)
15
67
1
257
30
6
33
78
MFU112
5
200
4
117
9
71
MFU113
9
110
2
107
5
77
MFU114
12
84
1.5
106
5
79
MFU115
12
(10.8 ~ 13.2)
15
67
1
106
13
4
33
79
MFU122
5
200
4
60
8
70
MFU123
9
110
2
54
5
76
MFU124
12
84
1.5
53
4
79
MFU125
24
(21.6 ~ 26.4)
15
67
1
53
10
4
33
79
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
7
12V Input Models
-0.7
---
15
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
28
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW


Similar Part No. - MFU112

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFU112 MINMAX-MFU112 Datasheet
156Kb / 6P
1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
Total Power Internation...
MFU112 TOTAL-POWER-MFU112 Datasheet
381Kb / 4P
Miniature DIP-Package with Industry Standard Pinout
More results

Similar Description - MFU112

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MFU100 TOTAL-POWER-MFU100 Datasheet
381Kb / 4P
Miniature DIP-Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com