Electronic Components Datasheet Search
  English  ▼

X  

MFU115 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MFU115
Description  DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MFU115 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MFU115 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MFU115 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MFU115 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MFU115 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MFU100 SERIES
DC/DC CONVERTER 1W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/09 REV:6
Page 2 of 4
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±3.0
%
Line Regulation
For Vin Change of 1%
---
±1.2
±1.5
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise (20MHz)
---
100
150
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
200
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Temperature Coefficient
---
±0.01
±0.02
%/
℃
Short Circuit Protection
0.5 Second Max.
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
3000
---
---
VDC
I/O Isolation Resistance
500 VDC
10
---
---
GΩ
I/O Isolation Capacitance
100KHz, 1V
---
60
100
pF
Switching Frequency
50
90
110
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
2,000,000
---
---
Hours
Input Fuse
5V Input Models
12V Input Models
24V Input Models
500mA Slow-Blow Type
200mA Slow-Blow Type
100mA Slow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
℃
Case Temperature
---
+90
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
Power Derating Curve
~
]
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
~
]
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
(5V Output Only)
(All Other Output)
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz.
3
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Other input and output voltage may be available, please contact factory.
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
Specifications subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com