Electronic Components Datasheet Search
  English  ▼

X  

MPW1023 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MPW1023
Description  DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW1023 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MPW1023 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW1023 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW1023 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW1023 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW1023 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW1023 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPW1000 SERIES
DC/DC CONVERTER 30W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/10 REV:2
Page 2 of 6
®
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
12V Input Models
8.6
8.8
9
24V Input Models
17
17.5
18
Start-Up Voltage
48V Input Models
34
35
36
12V Input Models
8.1
8.3
8.5
24V Input Models
16
16.5
17
Under Voltage Shutdown
48V Input Models
32
33
34
VDC
Short Circuit Input Power
---
---
4500
mW
Internal Power Dissipation
---
---
5500
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.3
%
Load Regulation
Io=10% to 100%
---
±0.1
±0.5
%
Ripple & Noise (20MHz)
---
55
80
mV P-P
Ripple & Noise (20MHz)
Over Line, Load % Temp.
---
---
100
mV P-P
Ripple & Noise (20MHz)
---
---
10
mV P-P
Transient Recovery Time
---
150
300
uS
Transient Response Deviation
25% Load Step Change
---
±2
±4
%
Temperature Coefficient
---
±0.01
±0.02
%/
℃
Over Load Protection
110
---
160
%
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
1200
1500
pF
Switching Frequency
290
330
360
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground Benign
1,000,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme)
Input Fuse
12V Input Models
24V Input Models
48V Input Models
6000mA Slow-Blow Type
3000mA Slow-Blow Type
1500mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
3.5V ~ 12V or Open Circuit
Converter Off
0V ~ 1.2V or Short Circuit
Control Input Current (on)
Vctrl = 5.0V
---
0.5
---
mA
Control Input Current (off)
Vctrl = 0V
---
-0.5
---
mA
Control Common
Referenced to Negative Input
Standby Input Current
Nominal Vin
---
2.5
---
mA
Output Voltage Trim
Parameter
Conditions
Min.
Typ.
Max.
Unit
Trim Up / Down Range
% of nominal output voltage
±9
±10
±11
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com