Electronic Components Datasheet Search
  English  ▼

X  

MJWI10 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MJWI10
Description  DC/DC CONVERTER 10W, High Power Density
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI10 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MJWI10 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI10 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI10 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI10 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI10 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MJWI10 SERIES
DC/DC CONVERTER 10W, High Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:15
Page 1 of 5
®
FEATURES
►Package Size 1.0”x1.0”x0.4”
►Ultra-wide 4:1 Input Range
►High Efficiency up to 87%
►Operating Temp. Range -40°C to +80°C
►I/O-isolation Voltage 1500VDC
►Remote On/Off Control
►Input Filter complies to EN55022,Class A & FCC,Level A
►Shielded Metal Case with Isolated Baseplate
►CSA/UL/IEC/EN 60950-1 Safety Approval
►3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MJWI10 series are cost optimized dc-dc converter modules offering 10W output power in a 1”x1”x0.4” shielded metal package with industry
standard pinout. All models provide ultra-wide 4:1 input voltage range and tight output voltage regulation.
State-of-the-art circuit topology provides a high efficiency up to 87% which allows an operating temperature range of -40°C to +80°C. Further features
include remote On/Off, overload protection and conducted EMI compliance to EN55022, class A.
Typical applications for these converters are battery operated equipment, instrumentation, distributed power architectures in communication and industrial
electronics and other space critical applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MJWI10-24S033
3.3
2200
352
560
86
MJWI10-24S05
5
2000
496
560
84
MJWI10-24S051
5.1
2000
506
560
84
MJWI10-24S12
12
830
483
150
86
MJWI10-24S15
15
660
474
150
87
MJWI10-24S24
24
410
477
68
86
MJWI10-24D05
±5
±1000
496
220#
84
MJWI10-24D12
±12
±410
477
100#
86
MJWI10-24D15
24
(9 ~ 36)
±15
±330
474
30
100#
87
MJWI10-48S033
3.3
2200
180
560
85
MJWI10-48S05
5
2000
248
560
84
MJWI10-48S051
5.1
2000
253
560
84
MJWI10-48S12
12
830
241
150
86
MJWI10-48S15
15
660
237
150
87
MJWI10-48S24
24
410
238
68
86
MJWI10-48D05
±5
±1000
248
220#
84
MJWI10-48D12
±12
±410
238
100#
86
MJWI10-48D15
48
(18 ~ 75)
±15
±330
237
20
100#
87
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
---
---
9
Start-Up Threshold Voltage
48V Input Models
---
---
18
24V Input Models
---
---
8.5
Under Voltage Shutdown
48V Input Models
---
---
17
VDC
Reverse Polarity Input Current
---
---
1.5
A
Short Circuit Input Power
---
2500
---
mW
Internal Power Dissipation
---
---
5000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - MJWI10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MJWI10 TOTAL-POWER-MJWI10 Datasheet
491Kb / 5P
Shielded Metal Case with Isolated Baseplate
MJWI10-24D05 TOTAL-POWER-MJWI10-24D05 Datasheet
491Kb / 5P
Shielded Metal Case with Isolated Baseplate
MJWI10-24D12 TOTAL-POWER-MJWI10-24D12 Datasheet
491Kb / 5P
Shielded Metal Case with Isolated Baseplate
MJWI10-24D15 TOTAL-POWER-MJWI10-24D15 Datasheet
491Kb / 5P
Shielded Metal Case with Isolated Baseplate
MJWI10-24S033 TOTAL-POWER-MJWI10-24S033 Datasheet
491Kb / 5P
Shielded Metal Case with Isolated Baseplate
More results

Similar Description - MJWI10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G305 VISHAY-FX5545G305 Datasheet
185Kb / 4P
Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density
21-Jan-05
logo
List of Unclassifed Man...
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
Hi-Rel DC/DC CONVERTER 10W POWER
logo
MORNSUN Science& Techno...
LD10-20B03 MORNSUN-LD10-20B03_15 Datasheet
2Mb / 6P
10W, AC/DC converter
LH10-10B03 MORNSUN-LH10-10B03_15 Datasheet
1Mb / 7P
10W, AC-DC converter
logo
Minmax Technology Co., ...
MJWI10 MINMAX-MJWI10_15 Datasheet
628Kb / 5P
DC/DC CONVERTER 10W, High Power Density
logo
MORNSUN Science& Techno...
LHE10-20A05 MORNSUN-LHE10-20A05 Datasheet
1Mb / 6P
10W, AC-DC converter
LD10-26B03 MORNSUN-LD10-26B03 Datasheet
1Mb / 6P
10W, AC/DC converter
LHE10-20D0512-02ER2 MORNSUN-LHE10-20D0512-02ER2 Datasheet
1Mb / 5P
10W, AC-DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
DC-DC CONVERTER 10W
logo
HY-LINE Power Component...
P10C24S33W HY-LINE-P10C24S33W Datasheet
303Kb / 2P
10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com