Electronic Components Datasheet Search
  English  ▼

X  

MJWI20 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MJWI20
Description  DC/DC CONVERTER 20W, Highest Power Density
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI20 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MJWI20 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 9Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MJWI20 SERIES
DC/DC CONVERTER 20W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:12
Page 1 of 9
®
FEATURES
►Smallest Encapsulated 20W Converter!
►Package Size 1.0”x1.0”x0.4”
►Ultra-wide 4:1 Input Range
►Very high Efficiency up to 90%
►Operating Temp. Range -40°C to +85°C
►Output Voltage Trimmable
►I/O-isolation Voltage 1500VDC
►Remote On/Off Control
►Shielded Metal Case with Isolated Baseplate
►CSA/UL/IEC/EN 60950-1 Safety Approval
►3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MJWI20 series is a new generation of high performance dc-dc converter modules setting a new standard concerning power density. The
product offers fully 20W in a shielded metal package with dimensions of just 1.0”x1.0”x 0.4”. All models provide ultra-wide 4:1 input voltage range and tight
output voltage regulation.
State-of the-art circuit topology provides a very high efficiency up to 90% which allows an operating temperature range of -40°C to +85°C. Further features
include remote On/Off, trimmable output voltage as well as overload protection and over-temperature protection.
Typical applications for these converters are battery operated equipment, instrumentation, distributed power architectures in communication and industrial
electronics and other space critical applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Over
Voltage
Protection
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
VDC
μF
%
MJWI20-24S033
3.3
4500
0
711
80
3.9
10300
87
MJWI20-24S05
5
4000
0
936
90
6.2
6800
89
MJWI20-24S12
12
1670
0
938
40
15
1200
89
MJWI20-24S15
15
1340
0
941
40
18
750
89
MJWI20-24S24
24
835
0
949
40
30
300
88
MJWI20-24D12
±12
±835
±60
938
40
±15
680#
89
MJWI20-24D15
24
(9 ~ 36)
±15
±670
±50
941
40
50
±18
380#
89
MJWI20-48S033
3.3
4500
0
352
40
3.9
10300
88
MJWI20-48S05
5
4000
0
468
45
6.2
6800
89
MJWI20-48S12
12
1670
0
469
25
15
1200
89
MJWI20-48S15
15
1340
0
471
25
18
750
89
MJWI20-48S24
24
835
0
474
25
30
300
88
MJWI20-48D12
±12
±835
±60
469
25
±15
680#
89
MJWI20-48D15
48
(18 ~ 75)
±15
±670
±50
471
25
30
±18
380#
89
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
---
---
9
Start-Up Threshold Voltage
48V Input Models
---
---
18
VDC
Input Polarity Protection
None
Power Up
---
---
30
ms
Start Up Time
Remote On/Off
Nominal Vin and Constant Resistive Load
---
---
30
ms
Internal Filter Type
All Models
LC Filter (for EN55022,Class A compliance see page 8)
Short Circuit Current
Hiccup Mode, 1.5 Hz typ.


Similar Part No. - MJWI20

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MJWI20 TOTAL-POWER-MJWI20 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
MJWI20-24D12 TOTAL-POWER-MJWI20-24D12 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
MJWI20-24D15 TOTAL-POWER-MJWI20-24D15 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
MJWI20-24S033 TOTAL-POWER-MJWI20-24S033 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
MJWI20-24S05 TOTAL-POWER-MJWI20-24S05 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
More results

Similar Description - MJWI20

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
DC/DC CONVERTER 25W, Highest Power Density 1
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
DC/DC CONVERTER 40W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
DC/DC CONVERTER 50W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
DC/DC CONVERTER 25W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com