Electronic Components Datasheet Search
  English  ▼

X  

MKWI40 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MKWI40
Description  DC/DC CONVERTER 40W, Highest Power Density
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKWI40 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MKWI40 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKWI40 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MKWI40 SERIES
DC/DC CONVERTER 40W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/04/20 REV:4
Page 3 of 8
®
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
C
MKWI40-24S033,MKWI40-48S033 Derating Curve without Heatsink
MKWI40-24S033,MKWI40-48S033 Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
C
MKWI40-24S05,MKWI40-48S05, MKWI40-48S12, MKWI40-48S15
Derating Curve without Heatsink
MKWI40-24S05,MKWI40-48S05, MKWI40-48S12, MKWI40-48S15
Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
C
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
C
MKWI40-24S12,MKWI40-24S15 Derating Curve without Heatsink
MKWI40-24S12,MKWI40-24S15 Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
C
MKWI40-24D12,MKWI40-24D15, MKWI40-48D12, MKWI40-48D15
Derating Curve without Heatsink
MKWI40-24D12,MKWI40-24D15, MKWI40-48D12, MKWI40-48D15
Derating Curve with Heatsink



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com