Electronic Components Datasheet Search
  English  ▼

X  

MSLU100 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MSLU100
Description  DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MSLU100 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MSLU100_11 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MSLU100_11 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MSLU100_11 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MSLU100_11 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MSLU100_11 Datasheet HTML 5Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSLU100 SERIES
DC/DC CONVERTER 1W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/12/15 REV:15
Page 4 of 5
Package Specifications
Mechanical Dimensions (Single Output)
Connecting Pin Patterns
Mechanical Dimensions (Dual Output)
Connecting Pin Patterns
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pins ±0.05 (±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size (Single Output)
:
13.7x8.0x6.7mm (0.54x0.31x0.26 Inches)
1
-Vin
-Vin
Case Size (Dual Output)
:
16.24x8.0x6.7mm (0.64x0.31x0.26 Inches)
2
+Vin
+Vin
3
No Pin
No Pin
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
4
-Vout
Common
5
+Vout
-Vout
Weight (Single Output)
:
1.7g
6
No Pin
No Pin
Weight (Dual Output)
:
2.0g
7
No Pin
+Vout
8
NA
No Pin
9
---
No Pin
10
---
NA
NA : Not Available for Electrical Connection
2.54
[0.1]
5.08
[0.2]
3.04
[0.12]
13.7 [0.54]
0.60 [0.02]
1.5 0.1
5.5
[0.06 0.004]
[0.22]
1
2
4
8
5
1.5 0.1
[0.06 0.004]
5.5
[0.22]
S SEATING PLANE
0.15 S
( Magnification of A )
12
4
10
7
16.24 [0.64]
5
0.60 [0.02]
1.5 0.1
5.5
[0.06 0.004]
[0.22]
1.5 0.1
[0.06 0.004]
5.5
[0.22]
S SEATING PLANE
0.15 S
3.04
[0.12]
2.54
[0.1]
2.54
[0.1]
5.08
[0.2]
( Magnification of A )
10.6 [0.42]
7.62 [0.30]
1.7 [0.07]
2.54 [0.10]
1.0 [0.04]
10.6 [0.42]
7.62 [0.30]
1.7 [0.07]
2.54 [0.10]
1.0 [0.04]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com