Electronic Components Datasheet Search
  English  ▼

X  

PE51004 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51004
Description  Mobile Antenna, 132 . 174 MHz, 2.4 dB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51004 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51004 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759
Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Sales: sales@pasternack.com
Tech Support: techsupport@pasternack.com
PE51004
Mobile Antenna,
132 – 174 MHz, 2.4 dB
(1)
Pasternack reserves the right to change specifications or information without notice.
www.pasternack.com
1 of 1
Product Features
•
½ Wave Antenna
•
No ground plane required
•
Suitable for fiberglass vehicles
•
Field tunable within band.
•
NMO Mount base
Description
The PE51004 antenna performs well when installed on fiberglass
structures, such as a boat or other non-metallic vehicles. Additional
directivity can be achieved with a metallic ground plane, such as a
motor vehicle. The PE51004 coil housing’s double sealed, tapered
heavy walled design provides excellent weather proof performance.
See the Pasternack catalog and website for the widest selection of
NMO cable configurations.
Electrical Specifications (1)
Parameter
Units
Value
Impedance
Ohms
50
Frequency
MHz
132 - 174
VSWR across bandwidth
< 1.5:1
Gain, ground plane
dB
2.4
Gain, no ground plane
dB
0
Power Rating
Watts
200
Mechanical Specifications (1)
Parameter
Value
Antenna Height
Approximately 58”
Whip Diameter
.062” - .1”, Tapered
Weight
0.8 ‘bs.
Whip Material
Stainless Steal
Base Coil Housing
Molded polymer jacket
chrome plated bushing
Mating Mount
NMO
Ordering Information
Part Number
Description
PE51004
Mobile, Base Loaded ½ wave Antenna, Field Tunable, No GP required


Similar Part No. - PE51004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51000 PASTERNACK-PE51000 Datasheet
44Kb / 1P
Mobile Antenna, 40 . 47 MHz, 0 dB
PE51001 PASTERNACK-PE51001 Datasheet
187Kb / 1P
Mobile Antenna, 118 . 940 MHz, 0 dB
PE51002 PASTERNACK-PE51002 Datasheet
45Kb / 1P
Wideband Mobile Antenna, 132 . 174 MHz, 2.4 dB
PE51003 PASTERNACK-PE51003 Datasheet
44Kb / 1P
Wideband Mobile Antenna, 132 . 512 MHz, 0 dB
PE51005 PASTERNACK-PE51005 Datasheet
116Kb / 1P
Wideband Mobile Antenna, 380 - 520 MHz, 2 dB
More results

Similar Description - PE51004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51000 PASTERNACK-PE51000 Datasheet
44Kb / 1P
Mobile Antenna, 40 . 47 MHz, 0 dB
PE51001 PASTERNACK-PE51001 Datasheet
187Kb / 1P
Mobile Antenna, 118 . 940 MHz, 0 dB
PE51002 PASTERNACK-PE51002 Datasheet
45Kb / 1P
Wideband Mobile Antenna, 132 . 174 MHz, 2.4 dB
PE51003 PASTERNACK-PE51003 Datasheet
44Kb / 1P
Wideband Mobile Antenna, 132 . 512 MHz, 0 dB
PE51005 PASTERNACK-PE51005 Datasheet
116Kb / 1P
Wideband Mobile Antenna, 380 - 520 MHz, 2 dB
PE51006 PASTERNACK-PE51006 Datasheet
47Kb / 1P
Wideband Mobile Antenna, 406 - 512 MHz, 2 dB
PE51007 PASTERNACK-PE51007 Datasheet
44Kb / 1P
Wideband Mobile Antenna, 440 - 480 MHz, 4.5 dB
PE51008 PASTERNACK-PE51008 Datasheet
46Kb / 1P
Mobile Antenna, 806 - 896 MHz, 3 dB
PE51009 PASTERNACK-PE51009 Datasheet
46Kb / 1P
Mobile Antenna, 825 - 896 MHz, 5 dB
PE51010 PASTERNACK-PE51010 Datasheet
120Kb / 1P
Mobile Antenna, 870 - 950 MHz, 5 dB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com