Electronic Components Datasheet Search
  English  ▼

X  

PE51005 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51005
Description  Wideband Mobile Antenna, 380 - 520 MHz, 2 dB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51005 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51005 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759
Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Sales: sales@pasternack.com
Tech Support: techsupport@pasternack.com
PE51005
Wideband
Mobile Antenna,
380 - 520 MHz, 2 dB
(1)
Pasternack reserves the right to change specifications or information without notice.
www.pasternack.com
1 of 1
Product Features
140 MHz bandwidth
No tuning required
NMO Mount base
Description
The PE51005 antenna offers excellent bandwidth and low
VSWR across the 380 to 520 MHz UHF band. The base and
matching coil design is able to withstand high shock
environments. The antenna mates with the popular NMO
mount design. See the Pasternack catalog or website for the
widest selection of NMO cable configurations.
Electrical Specifications (1)
Parameter
Units
Value
Impedance
Ohms
50
Frequency
MHz
380 - 520
VSWR across bandwidth
< 2.0:1
Gain, ground plane
dB
2.0
Gain, no ground plane
dB
0
Power Rating
Watts
160
Mechanical Specifications (1)
Parameter
Value
Antenna Height
Approximately 12
”
Whip Diameter
0.10”
Weight
0.6 lbs.
Whip Material
Stainless Steal Spring
Base Coil Housing
Molded polymer jacket & nickel and chrome
plated brass bushing
Mating Mount
NMO
Ordering Information
Part Number
Description
PE51005
Wideband Mobile Antenna, 140 MHz BW @ 2:1 VSWR, No GP required


Similar Part No. - PE51005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51000 PASTERNACK-PE51000 Datasheet
44Kb / 1P
Mobile Antenna, 40 . 47 MHz, 0 dB
PE51001 PASTERNACK-PE51001 Datasheet
187Kb / 1P
Mobile Antenna, 118 . 940 MHz, 0 dB
PE51002 PASTERNACK-PE51002 Datasheet
45Kb / 1P
Wideband Mobile Antenna, 132 . 174 MHz, 2.4 dB
PE51003 PASTERNACK-PE51003 Datasheet
44Kb / 1P
Wideband Mobile Antenna, 132 . 512 MHz, 0 dB
PE51004 PASTERNACK-PE51004 Datasheet
45Kb / 1P
Mobile Antenna, 132 . 174 MHz, 2.4 dB
More results

Similar Description - PE51005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51000 PASTERNACK-PE51000 Datasheet
44Kb / 1P
Mobile Antenna, 40 . 47 MHz, 0 dB
PE51001 PASTERNACK-PE51001 Datasheet
187Kb / 1P
Mobile Antenna, 118 . 940 MHz, 0 dB
PE51002 PASTERNACK-PE51002 Datasheet
45Kb / 1P
Wideband Mobile Antenna, 132 . 174 MHz, 2.4 dB
PE51003 PASTERNACK-PE51003 Datasheet
44Kb / 1P
Wideband Mobile Antenna, 132 . 512 MHz, 0 dB
PE51004 PASTERNACK-PE51004 Datasheet
45Kb / 1P
Mobile Antenna, 132 . 174 MHz, 2.4 dB
PE51006 PASTERNACK-PE51006 Datasheet
47Kb / 1P
Wideband Mobile Antenna, 406 - 512 MHz, 2 dB
PE51007 PASTERNACK-PE51007 Datasheet
44Kb / 1P
Wideband Mobile Antenna, 440 - 480 MHz, 4.5 dB
PE51008 PASTERNACK-PE51008 Datasheet
46Kb / 1P
Mobile Antenna, 806 - 896 MHz, 3 dB
PE51009 PASTERNACK-PE51009 Datasheet
46Kb / 1P
Mobile Antenna, 825 - 896 MHz, 5 dB
PE51010 PASTERNACK-PE51010 Datasheet
120Kb / 1P
Mobile Antenna, 870 - 950 MHz, 5 dB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com