Electronic Components Datasheet Search
  English  ▼

X  

PE51014 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51014
Description  Dual Band Antenna, 824 - 896 MHz / 1850 . 1990 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51014 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51014 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759
Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Sales: sales@pasternack.com
Tech Support: techsupport@pasternack.com
PE51014
Dual Band Antenna,
824 - 896 MHz /
1850 – 1990 MHz
(1)
Pasternack reserves the right to change specifications or information without notice.
www.pasternack.com
1 of 1
Product Features
•
PCS / AMPS Bands
•
Dual Band Collinear
•
No tuning required
•
NMO Mount base
Description
The PE51014 dual band antenna is ready to install, providing PCS
and AMPS coverage for mobile applications. The base coil and
whip design offers trouble free operation over an extended life. The
antenna mates with the popular NMO mount design.
See the
Pasternack catalog or website for the widest selection of NMO
cable configurations.
Electrical Specifications (1)
Parameter
Units
Value
Impedance
Ohms
50
Frequency
MHz
824 – 896 /
1850 - 1990
VSWR at Resonant Frequency
< 1.5:1
Polarization
Vertical
Gain, ground plane
dB
2.2 / 4
Power Rating
Watts
150
Mechanical Specifications (1)
Parameter
Value
Antenna Height
Approximately 12”
Whip Diameter
.062”
Weight
0.3 lbs.
Whip Material
Stainless Steel, Black
Base Coil Housing
Molded polymer with a plated brass insert ring
and a spring-loaded brass contact pin.
Mating Mount
NMO
Ordering Information
Par Number
Description
PE51014
PCS / AMPS Mobile Antenna, Dual Band Collinear


Similar Part No. - PE51014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51010 PASTERNACK-PE51010 Datasheet
120Kb / 1P
Mobile Antenna, 870 - 950 MHz, 5 dB
PE51011 PASTERNACK-PE51011 Datasheet
57Kb / 1P
Yagi Antenna, 896 - 970 MHz, 9dB
PE51012 PASTERNACK-PE51012 Datasheet
55Kb / 1P
Yagi Antenna, 896 - 970 MHz, 11dB
PE51013 PASTERNACK-PE51013 Datasheet
41Kb / 1P
Low Profile Antenna, 806 - 896 MHz / 1710 . 1990 MHz, 3 dB
PE51016-1 PASTERNACK-PE51016-1 Datasheet
122Kb / 1P
GPS ANTENNA, MAGNETIC MOUNT, TO SMA MALE, RG174 COAXIAL CABLE
More results

Similar Description - PE51014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP52-0002 MACOM-DP52-0002_1 Datasheet
264Kb / 2P
Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
DP52-0005 MACOM-DP52-0005_1 Datasheet
223Kb / 2P
Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
logo
Skyworks Solutions Inc.
SKY77175-13 SKYWORKS-SKY77175-13 Datasheet
78Kb / 2P
Dual-Band PA Module for WCDMA / HSDPA Band II (1850-1910 MHz) and Band V (824-849 MHz)
SKY77196 SKYWORKS-SKY77196 Datasheet
77Kb / 2P
Dual-Band PA Module for WCDMA / HSDPA Band II (1850-1910 MHz) and Band V (824-849 MHz)
SKY77543 SKYWORKS-SKY77543 Datasheet
82Kb / 2P
Tx - Rx iPAC FEM for Dual-Band GSM / GPRS (824 - 849 MHz), (1850 - 1910 MHz)
logo
Johanson Technology Inc...
1407DP15A2450 JOHANSON-1407DP15A2450 Datasheet
117Kb / 2P
(824 - 1990) / 2450 MHz Diplexer
logo
Pasternack Enterprises,...
PE51013 PASTERNACK-PE51013 Datasheet
41Kb / 1P
Low Profile Antenna, 806 - 896 MHz / 1710 . 1990 MHz, 3 dB
logo
TE Connectivity Ltd
1513247-1 TEC-1513247-1 Datasheet
1Mb / 2P
824 ??94 & 1850 ??990 MHz Dual Band Antenna (US Dual Band)
1513259-1 TEC-1513259-1 Datasheet
1Mb / 2P
824 ??960 & 1710 ??1990 MHz Quad Band Antenna (US Dual and EU Dual Band)
1513273-1 TEC-1513273-1 Datasheet
1Mb / 2P
824 ??960 & 1710 ??1990 MHz Quad Band Antenna (US Dual and EU Dual Band)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com