Electronic Components Datasheet Search
  English  ▼

X  

MMBZ20VALT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMBZ20VALT1
Description  SOT-23 COMMON ANODE DUAL ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 24 & 40 WATTS PEAK POWER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBZ20VALT1 Datasheet(HTML) 2 Page - Motorola, Inc

  MMBZ20VALT1 Datasheet HTML 1Page - Motorola, Inc MMBZ20VALT1 Datasheet HTML 2Page - Motorola, Inc MMBZ20VALT1 Datasheet HTML 3Page - Motorola, Inc MMBZ20VALT1 Datasheet HTML 4Page - Motorola, Inc MMBZ20VALT1 Datasheet HTML 5Page - Motorola, Inc MMBZ20VALT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOTOROLA
2
MMBZ5V6ALT1 MMBZ6V2ALT1 MMBZ15VALT1 MMBZ20VALT1
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 and 3)
(VF = 0.9 V Max @ IF = 10 mA)
Breakdown Voltage
Max Reverse
Leakage Current
Max Zener Impedance (5)
Max
Reverse
Surge
Current
IRSM(4)
(A)
Max Reverse
Voltage @
IRSM(4)
(Clamping
Voltage)
VRSM
(V)
Maximum
Temperature
Coefficient of
VBR
(mV/
°C)
VZT(3)
(V)
@ IT
(mA)
IR @ VR
(
µA)
(V)
ZZT @ IZT
(
Ω)
(mA)
ZZK @ IZK
(
Ω)
(mA)
Surge
Current
IRSM(4)
(A)
IRSM(4)
(Clamping
Voltage)
VRSM
(V)
Temperature
Coefficient of
VBR
(mV/
°C)
Min
Nom
Max
(mA)
(
µA)
(V)
(
Ω)
(mA)
(
Ω)
(mA)
IRSM(4)
(A)
VRSM
(V)
(mV/
°C)
5.32
5.6
5.88
20
5.0
3.0
11
1600
0.25
3.0
8.0
1.26
5.89
6.2
6.51
1.0
0.5
3.0
—
—
—
2.76
8.7
2.80
(VF = 1.1 V Max @ IF = 200 mA)
Breakdown Voltage
Reverse Voltage
Working Peak
VRWM
(V)
Max Reverse
Leakage Current
IRWM
IR (nA)
Max Reverse
Surge Current
IRSM(4)
(A)
Max Reverse
Voltage @ IRSM(4)
(Clamping Voltage)
VRSM
(V)
Maximum
Temperature
Coefficient of
VBR
(mV/
°C)
VBR(3)
(V)
@ IT
(mA)
Reverse Voltage
Working Peak
VRWM
(V)
Max Reverse
Leakage Current
IRWM
IR (nA)
Max Reverse
Surge Current
IRSM(4)
(A)
Voltage @ IRSM(4)
(Clamping Voltage)
VRSM
(V)
Temperature
Coefficient of
VBR
(mV/
°C)
Min
Nom
Max
(mA)
(V)
IR (nA)
(A)
VRSM
(V)
VBR
(mV/
°C)
14.25
15
15.75
1.0
12.0
50
1.9
21
12.3
19.0
20
21.0
1.0
17.0
50
1.4
28
17.2
(3) VZ/VBR measured at pulse test current IT at an ambient temperature of 25°C.
(4) Surge current waveform per Figure 5 and derate per Figure 6.
(5) ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current supplied. The specfied limits are
(5) IZ(AC) = 0.1 IZ(DC), with AC frequency = 1 kHz.
TYPICAL CHARACTERISTICS
– 40
+ 50
18
Figure 1. Typical Breakdown Voltage
versus Temperature
(Upper curve for each voltage is bidirectional mode,
lower curve is unidirectional mode)
0
TEMPERATURE (
°C)
+ 100
+ 150
15
12
9
6
3
0
– 40
+ 25
1000
Figure 2. Typical Leakage Current
versus Temperature
TEMPERATURE (
°C)
+ 85
+ 125
100
10
1
0.1
0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com