Electronic Components Datasheet Search
  English  ▼

X  

PE3376LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3376LF
Description  CABLE ASSEMBLY RG179/U 75 OHM SMC PLUG TO 75 OHM SMC PLUG(LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3376LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3376LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE
SMC PLUG
RG179B/U
SMC PLUG
PE3376LF-XX
CABLE ASSEMBLY, RG179B/U, 75 OHM SMC
PLUG TO 75 OHM SMC PLUG (LEAD FREE)
75 OHM
75 OHM
75 OHM
75 OHM SMC
PLUG
75 OHM SMC
PLUG


Similar Part No. - PE3376LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3376 PASTERNACK-PE3376 Datasheet
222Kb / 1P
CABLE ASSEMBLY
PE33762 PASTERNACK-PE33762 Datasheet
266Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33762-12 PASTERNACK-PE33762-12 Datasheet
266Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33762-24 PASTERNACK-PE33762-24 Datasheet
266Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33762-36 PASTERNACK-PE33762-36 Datasheet
266Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
More results

Similar Description - PE3376LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9272 PASTERNACK-PE9272 Datasheet
78Kb / 1P
75 OHM SMC PLUG TO 75 OHM SMC PLUG
PE3362 PASTERNACK-PE3362 Datasheet
275Kb / 1P
CABLE ASSEMBLY RG59B/U BLACK 75 OHM SMC PLUG TO 75 OHM SMC PLUG
PE3362LF PASTERNACK-PE3362LF Datasheet
258Kb / 1P
CABLE ASSEMBLY RG59B/U-BLACK 75 OHM SMC PLUG TO 75 OHM SMC PLUG(LEAD FREE)
PE33330 PASTERNACK-PE33330 Datasheet
276Kb / 1P
CABLE ASSEMBLY RG59B/U-BLACK 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE3388 PASTERNACK-PE3388 Datasheet
113Kb / 1P
CABLE ASSEMBLY PE-B150 75OHM SMC PLUG TO 75 OHM SMC PLUG
PE3388LF PASTERNACK-PE3388LF Datasheet
110Kb / 1P
CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM SMC PLUG
PE33586LF PASTERNACK-PE33586LF Datasheet
283Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE9272 PASTERNACK-PE9272 Datasheet
233Kb / 3P
75 Ohm SMC Plug to SMC Plug Adapter
PE34705LF PASTERNACK-PE34705LF Datasheet
283Kb / 1P
CABLE ASSEMBLY, RG187A/U, MINI 75 OHM SMC PLUG TO MINI 75 OHM BNC PLUG
PE3C3394 PASTERNACK-PE3C3394 Datasheet
366Kb / 4P
50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com