Electronic Components Datasheet Search
  English  ▼

X  

MIWI06 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIWI06
Description  DC/DC CONVERTER 6W, DIP-24 Plastic Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIWI06 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIWI06 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIWI06 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIWI06 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIWI06 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIWI06 SERIES
DC/DC CONVERTER 6W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/02/02 REV:6
Page 1 of 4
®
FEATURES
► DIP-24 Plastic Package
► Ultra-wide 4:1 Input Range
► High Efficiency up to 84%
► Operating Temp. Range -40°C to +85°C
► Overload Protection
► I/O-isolation 1500VDC ( opt. 3000VDC)
► Input Filter meets EN 55022,class A and FCC, level A
► 3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MIWI06 series is a new range of high performance dc-dc converter modules with 6W output power, featuring ultra-wide 4:1 input voltage
ranges and tight output voltage regulation. The product comes in a DIP-24 package with industry standard footprint.
Excellent efficiency allows an operation temperature range of -40°C to +85°C . Standard features include overload protection.
Typical applications for these cost optimized converters are battery powered equipment, instrumentation, datacom and industrial electronics.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
MIWI06-24S033
3.3
1200
214
470
77
MIWI06-24S05
5
1200
313
470
80
MIWI06-24S12
12
500
298
100
84
MIWI06-24S15
15
400
298
100
84
MIWI06-24S24
24
250
298
47
84
MIWI06-24D05
±5
±500
260
100#
80
MIWI06-24D12
±12
±250
298
100#
84
MIWI06-24D15
24
(9 ~ 36)
±15
±200
298
20
20
100#
84
MIWI06-48S033
3.3
1200
107
470
77
MIWI06-48S05
5
1200
156
470
80
MIWI06-48S12
12
500
149
100
84
MIWI06-48S15
15
400
149
100
84
MIWI06-48S24
24
250
149
47
84
MIWI06-48D05
±5
±500
130
100#
80
MIWI06-48D12
±12
±250
149
100#
84
MIWI06-48D15
48
(18 ~ 75)
±15
±200
149
10
15
100#
84
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
7
8
9
Start-Up Voltage
48V Input Models
14
16
18
24V Input Models
---
---
8.5
Under Voltage Shutdown
48V Input Models
---
---
16
VDC
Short Circuit Input Power
---
---
3000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - MIWI06

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIWI06 TOTAL-POWER-MIWI06 Datasheet
472Kb / 4P
DIP-24 Plastic Package
MIWI06-24D05 TOTAL-POWER-MIWI06-24D05 Datasheet
472Kb / 4P
DIP-24 Plastic Package
MIWI06-24D12 TOTAL-POWER-MIWI06-24D12 Datasheet
472Kb / 4P
DIP-24 Plastic Package
MIWI06-24D15 TOTAL-POWER-MIWI06-24D15 Datasheet
472Kb / 4P
DIP-24 Plastic Package
MIWI06-24S033 TOTAL-POWER-MIWI06-24S033 Datasheet
472Kb / 4P
DIP-24 Plastic Package
More results

Similar Description - MIWI06

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW3000 MINMAX-MIW3000_12 Datasheet
285Kb / 4P
DC/DC CONVERTER 5-6W, DIP-24 Metal Package
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW4100 MINMAX-MIW4100_11 Datasheet
282Kb / 4P
DC/DC CONVERTER 5-6W, DIP-24 Metal Package
logo
Delta Electronics, Inc.
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
6W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com