Electronic Components Datasheet Search
  English  ▼

X  

MGWI06 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MGWI06
Description  DC/DC CONVERTER 6W, Ultra compact DIP Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MGWI06 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MGWI06 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MGWI06 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MGWI06 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MGWI06 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MGWI06 SERIES
DC/DC CONVERTER 6W, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/11/22 REV:6
Page 1 of 4
®
FEATURES
►Ultra compact DIP Package
21.6 x 20.3 x 10.2 mm (0.85 x 0.80 x 0.40 inches)
►Ultra wide 4:1 Input Range
►Fully regulated Output
►Operating Temp. Range –40°C to +85°C
►Over Load Protection
►Remote On/Off Control
►I/O-isolation 1500 VDC
►Input Filter complies with EN55022,class A
►3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MGWI06 series is a new range of isolated 6W DC/DC converter modules featuring fully regulated output voltages and ultra-wide 4:1 input
voltage ranges. These products are with a very small footprint occupying just 4.5cm2 (0.7 square in.) on PCB. An excellent efficiency allows an operating
temperature range of –40° to +85°C. Further features include remote On/Off control and over load protection.
The very compact dimensions of these DC/DC converters make them an ideal solution for many space critical applications in battery-powered equipment
and instrumentation.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
uF
%
MGWI06-24S033
3.3
1450
218
262
76
MGWI06-24S05
5
1200
180
316
330
79
MGWI06-24S12
12
500
75
301
83
MGWI06-24S15
15
400
60
301
83
MGWI06-24S24
24
250
38
301
100
83
MGWI06-24D05
±5
±600
±90
301
82
MGWI06-24D12
±12
±250
±38
301
83
MGWI06-24D15
24
(9 ~ 36)
±15
±200
±30
301
30
100#
83
MGWI06-48S033
3.3
1450
218
131
76
MGWI06-48S05
5
1200
180
158
330
79
MGWI06-48S12
12
500
75
151
83
MGWI06-48S15
15
400
60
151
83
MGWI06-48S24
24
250
38
151
100
83
MGWI06-48D05
±5
±600
±90
151
82
MGWI06-48D12
±12
±250
±38
151
83
MGWI06-48D15
48
(18 ~ 75)
±15
±200
±30
151
20
100#
83
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
---
---
9
Start-Up Voltage
48V Input Models
---
---
18
24V Input Models
---
---
8.5
Under Voltage Shutdown
48V Input Models
---
---
17
VDC
Short Circuit Input Power
---
---
3000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - MGWI06

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MGWI06 TOTAL-POWER-MGWI06 Datasheet
459Kb / 4P
Ultra compact DIP Package
logo
Minmax Technology Co., ...
MGWI06-24D05 MINMAX-MGWI06-24D05 Datasheet
487Kb / 4P
DC/DC CONVERTER 6W, DIP Package
logo
Total Power Internation...
MGWI06-24D05 TOTAL-POWER-MGWI06-24D05 Datasheet
459Kb / 4P
Ultra compact DIP Package
logo
Minmax Technology Co., ...
MGWI06-24D12 MINMAX-MGWI06-24D12 Datasheet
487Kb / 4P
DC/DC CONVERTER 6W, DIP Package
logo
Total Power Internation...
MGWI06-24D12 TOTAL-POWER-MGWI06-24D12 Datasheet
459Kb / 4P
Ultra compact DIP Package
More results

Similar Description - MGWI06

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
MSGWI06 MINMAX-MSGWI06 Datasheet
336Kb / 4P
DC/DC CONVERTER 6W, Ultra compact SMD Package
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
6W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com