Electronic Components Datasheet Search
  English  ▼

X  

PE3667 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3667
Description  CABLE ASSEMBLY RG223/U N MALE TO N FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3667 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3667 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE3667

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE36674 PASTERNACK-PE36674 Datasheet
321Kb / 3P
2.92mm Male to 1.85mm Male Precision Cable Using 095 Series Coax, RoHS
PE36674-12 PASTERNACK-PE36674-12 Datasheet
319Kb / 1P
40 GHz FLEXIBLE CABLE ASSEMBLY PE-L095P, 1.85mm MALE TO 2,92mm MALE
PE36674-12 PASTERNACK-PE36674-12 Datasheet
319Kb / 1P
40GHz FLEXIBLE CABLE ASSEMBLY, PE-LL095P, 1.85mm MALE TO 2.92mm MALE
PE36674-12 PASTERNACK-PE36674-12 Datasheet
319Kb / 1P
40GHz FLEXIBLE CABLE ASSEMBLY, PE-LL095P, 1.85mm MALE TO 2.92mm MALE
PE36674-18 PASTERNACK-PE36674-18 Datasheet
319Kb / 1P
40 GHz FLEXIBLE CABLE ASSEMBLY PE-LL095P 1,85MM MALE TO 2,92mm MALE
More results

Similar Description - PE3667

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3168 PASTERNACK-PE3168 Datasheet
107Kb / 1P
CABLE ASSEMBLY RG223/U , N MALE TO N MALE RIGHT ANGLE
PE3170LF PASTERNACK-PE3170LF Datasheet
129Kb / 1P
CABLE ASSEMBLY RG223/U GR874 TO N MALE
PE3170 PASTERNACK-PE3170 Datasheet
133Kb / 1P
CABLE ASSEMBLY RG223/U RG874 TP N MALE
PE3193 PASTERNACK-PE3193 Datasheet
140Kb / 1P
CABLE ASSEMBLY RG223/U SMA MALE TO N FEMALE BULKHEAD
PE3193LF PASTERNACK-PE3193LF Datasheet
132Kb / 1P
CABLE ASSEMBLY RG223/U SMA MALE TO N FEMALE BULKHEAD
PE33144LF PASTERNACK-PE33144LF Datasheet
101Kb / 1P
CABLE ASSEMBLY RG223/U 7/16 MALE TO N MALE
PE38496 PASTERNACK-PE38496 Datasheet
220Kb / 1P
CABLE ASSEMBLY, RG223/U, QN MALE RIGHT ANGLE TO N FEMALE
PE38451 PASTERNACK-PE38451 Datasheet
214Kb / 1P
CABLE ASSEMBLY, RG223/U, QN MALE TO N MALE
PE38455 PASTERNACK-PE38455 Datasheet
215Kb / 1P
CABLE ASSEMBLY, RG223/U, QN MALE TO N FEMALE
PE3280 PASTERNACK-PE3280 Datasheet
209Kb / 1P
CABLE ASSEMBLY, RG223/U, MINI UHF MALE TO N MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com