Electronic Components Datasheet Search
  English  ▼

X  

ARF1500 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # ARF1500
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF1500 Datasheet(HTML) 2 Page - Advanced Power Technology

  ARF1500 Datasheet HTML 1Page - Advanced Power Technology ARF1500 Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DYNAMIC CHARACTERISTICS
ARF1500
Symbol
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Test Conditions
V
GS = 0V
V
DS = 150V
f = 1 MHz
V
GS = 15V
V
DD = 250
I
D = 60A @ 25°C
R
G = 1.6 Ω
MIN
TYP
MAX
5150
6030
500
650
215
225
7.5
6.0
20
10
UNIT
pF
ns
FUNCTIONAL CHARACTERISTICS
Symbol
G
PS
η
ψ
Test Conditions
f = 27.12 MHz
V
GS = 0V
V
DD = 125V
Pout = 750W
No Degradation in Output Power
Characteristic
Common Source Amplifier Power Gain
Drain Efficiency
Electrical Ruggedness VSWR 10:1
MIN
TYP
MAX
17
19
70
75
UNIT
dB
%
1 Pulse Test: Pulse width < 380 µS, Duty Cycle < 2%.
APT Reserves the right to change, without notice, the specifications and information contained herein.
1
5
10
50 100
500
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 3, Typical Maximum Safe Operating Area
TC=+25°C
TJ=+200°C
SINGLE PULSE
240
100
50
10
5
1
1ms
10ms
100us
Per transistor section unless otherwise specified.
DATAFORBOTHSIDES
INPARALLEL
OPERATIONHERE
LIMITEDBYRDS(ON)
100ms
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 1, Typical Capacitance vs. Drain-to-Source Voltage
20,000
10,000
5000
1000
500
100
.1
1
10
100 200
Ciss
Coss
Crss
60
50
40
30
20
10
0
0
2
4
6
8
101214
VGS,GATE-TO-SOURCEVOLTAGE(VOLTS)
Figure 2, Typical Transfer Characteristics
VDS> ID(ON) x RDS(ON) MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
TJ = -55°C
TJ = +125°C
TJ = +25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com