Electronic Components Datasheet Search
  English  ▼

X  

ARF1500 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF1500
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF1500 Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF1500 Datasheet HTML 1Page - Advanced Power Technology ARF1500 Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
Table 1 - Typical Class AB Large Signal Impedance -- ARF1500
F (MHz)
Zin (Ω)ZOL (Ω)
2.0
13.5
27
40
6.7-j 12
0.45 -j 2.5
0.22 -j 0.67
0.2 + j .19
7.5 -j 0.8
7.1 -j 1.7
6.1 -j 3.0
5.0 -j 3.6
Zin - Gate shunted with 25Ω IDQ = 100mA
ZOL - Conjugate of optimum load for 750 Watts
output at Vdd = 125V
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between
leads and mounting surface is beryllium oxide,
BeO. Beryllium oxide dust is toxic when in-
haled. Care must be taken during handling
and mounting to avoid damage to this area .
These devices must never be thrown away
with general industrial or domestic waste.
Thermal Considerations and Package
Mounting:
The rated 1500W power dissipation is only avail-
able when the package mounting surface is at
25
°C and the junction temperature is 200°C. The
thermal resistance between junctions and case
mounting surface is 0.12
°C/W. When installed, an
additional thermal impedance of 0.1
°C/W between
the package base and the mounting surface is typi-
cal. Insure that the mounting surface is smooth
and flat. Thermal joint compound must be used to
reduce the effects of small surface irregularities.
The heatsink should incorporate a copper heat
spreader to obtain best results.
The package is designed to be clamped to a
heatsink. A clamped joint maintains the required
mounting pressure while allowing for thermal ex-
pansion of both the device and the heat sink. A
simple clamp, and two 6-32 (M3.5) screws can pro-
vide the minimum 125 lb required mounting force.
T = 12 in-lb.
Clamp
Heat Sink
D
S
S
G
S
S
D
G
S
S
S
S
ARF15--
BeO
1525-xx
.005
.045
.250
.500
.500
1.065
.207
.207
.375
.105 typ.
1.065
D
S
G
ARF1500
TC,CASETEMPERATURE(°C)
Figure 4, Typical Threshold Voltage vs Temperature
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 5, Typical Output Characteristics
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
-50 -25
0
25
50
75
100 125 150
0
5
10
15
6.2V
2V
2.2V
4.2V
6
5
4
3
2
1
0
8.2V
10.2V
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
0.5
0.1
0.3
0.7
D = 0.9
0.05
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULARPULSEDURATION(SECONDS)
Figure 6, Maximum Effective Transient Thermal Impedance, Junction-to-Case vs. Pulse Duration



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com