Electronic Components Datasheet Search
  English  ▼

X  

10SQ045 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 10SQ045
Description  SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE -30 to 100Volts FORWARD CURRENT -10.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

10SQ045 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  10SQ045 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 10SQ045 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●
Metal of silicon rectifier , majority carrier conduction
●
Guard ring for transient protection
●
Low power loss,high efficiency
●
High current capability,low VF
●
High surge capacity
●
Plastic package has UL flammability classification
94V-0
●
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
●
Case: JEDEC R-6 molded plastic
●
Polarity: Color band denotes cathode
●
Weight: 0.07 ounces , 2.1 grams
●
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL 10SQ030 10SQ035 10SQ040 10SQ045 10SQ050 10SQ060 10SQ080 10SQ100 UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
35
40
45
50
60
80
100
V
Maximum RMS Voltage
VRMS
21
24.5
28
31.5
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
30
35
40
45
50
60
80
100
V
Maximum Average Forward
Rectified Current@Tc=95 ℃
I(AV)
A
Peak Forward Surage Current 8.3ms single half
sine-wave super imposed on rated load(JEDEC
Method)
IFSM
A
Peak Forward Voltage at 10A DC(Note1)
VF
V
Maximum DC Reverse Current @Tj=25℃
at Rated DC Bolcking Voltage @Tj=125℃
Tyical Junction Capacitance (Note2)
CJ
PF
Tyical Thermal Resistance (Note3)
RθJC
℃
/w
TJ
℃
V
REVERSE VOLTAGE -30 to 100Volts
FORWARD CURRENT -10.0 Amperes
SCHOTTKY BARRIER RECTIFIERS
3.0
mA
0.1
IR
450
-55 to+175
10SQ030 thru 10SQ100
0.55
0.7
0.8
10
275
Dimensions in inches and (millimeters)
50
3.Thermal Resistance Junction to Case.
NOTES:1.300us Pulse Width, 2%Dudy Cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
R - 6
2100
.360(9.1)
.340(8.6)
.052(1.3)
.048(1.2) DIA
.360(9.1)
.340(8.6)
DIA
1.0(25.4)
MIN
1.0(25.4)
MIN
V
VESD
15000
ESD
Storage Temperature Range
Junction temperature Range
S
T
ÿ
ÿ
ÿ
ÿ
℃
-55 to+175
in DC forward mode
200
XINGHE ELECTRONICS
星合电子
1
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - 10SQ045

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
10SQ045 YANGJIE-10SQ045 Datasheet
3Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
10SQ045 PFS-10SQ045 Datasheet
209Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
10SQ045 LUGUANG-10SQ045 Datasheet
216Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
10SQ045 LUGUANG-10SQ045 Datasheet
216Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
10SQ045 ZSELEC-10SQ045 Datasheet
171Kb / 2P
10A SCHOTTKY BARRIER DIODE
More results

Similar Description - 10SQ045

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SB120 CYSTEKEC-SB120 Datasheet
219Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SB270 GOOD-ARK-SB270_15 Datasheet
138Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 2.0 Amperes
SB220 GOOD-ARK-SB220_15 Datasheet
137Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
SB370_15VD GOOD-ARK-SB370_15VD Datasheet
151Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 3.0 Amperes
logo
First Silicon Co., Ltd
MBR10XX FS-MBR10XX Datasheet
319Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 35 to 60 Volts , Forward Current 10.0 Amperes
MBR30200CT FS-MBR30200CT Datasheet
292Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 200 Volts Forward Current 30.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com