Electronic Components Datasheet Search
  English  ▼

X  

SR120SF Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SR120SF
Description  SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SR120SF Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SR120SF Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SR120SF Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR120SF THRU SR1100SF
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 1.0Ampere
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
2.Thermal resistance (from junction to ambient)Vertical P.C.B. mounted with 1 in. copper pad (Cu area 700 mm2).
3.Measured at 1.0MHz and reverse voltage of 4.0 volts
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
High temperature soldering guaranteed:250 C/10 seconds at terminals,
0.375"(9.5mm)lead length,5lbs.(2.3kg)tension
Maximum repetitive peak reverse voltage
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
57
80
100
71
100
VRRM
Volts
Volts
Volts
Volts
m
A
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum instantaneous forward voltage
at 1.0 A(Note 1 )
T =25 C
T =100 C
A
A
Typical thermal capacitance(Note 2)
Typical junction capacitance(Note 3)
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
1.0
40.0
-65 to+150
-65 to+150
110
82.0
26.0
0.2
10
0.55
0.70
0.85
P
F
C/W
C
C
CJ
TJ
SR
120SF
SR
130SF
SR
140SF
SR
150SF
SR
160SF
SR
180SF
SR
1100SF
Symbols
Units
MECHANICAL DATA
Case
Lead Finish: 100% Matte Sn (Tin)
Polarity
Weight
: SOD-123FL molded plastic body
: color band denotes cathode end
Any
: 11.7 mg(approximately)
Mounting Position:
SOD-123FL
Dimensions in inches and (millimeters)
0.040(1.00 )
0.020(0.50)
0.077(1.95 )
0.054(1.38)
0.114(2.90 )
0.098(2.50)
0.154(3.90)
0.138(3.50)
0.010(0.25)
MAX
5
°
0.052(1.33)
0.031(0.8)
0.010(0.25)
MIN
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - SR120SF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SR120SF CHENDA-SR120SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
logo
Jinan Jing Heng Electro...
SR120SF JINGHENG-SR120SF Datasheet
75Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR120SF JINANJINGHENG-SR120SF Datasheet
75Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SR120SF JINANJINGHENG-SR120SF_17 Datasheet
75Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR120SF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1N5817 ETC-D1N5817 Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
Microdiode Semiconducto...
SR120SF CHENDA-SR120SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
logo
Gaomi Xinghe Electronic...
1N5818SF GXELECTRONICS-1N5818SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 40 Volts Forward Current - 1.0Ampere
1N5819SF GXELECTRONICS-1N5819SF Datasheet
332Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 40 Volts Forward Current - 1.0Ampere
SR130SF GXELECTRONICS-SR130SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR140SF GXELECTRONICS-SR140SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR150SF GXELECTRONICS-SR150SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR160SF GXELECTRONICS-SR160SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR180SF GXELECTRONICS-SR180SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR1100SF GXELECTRONICS-SR1100SF Datasheet
338Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com