Electronic Components Datasheet Search
  English  ▼

X  

ARF440 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF440
Description  N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF440 Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF440 Datasheet HTML 1Page - Advanced Power Technology ARF440 Datasheet HTML 2Page - Advanced Power Technology ARF440 Datasheet HTML 3Page - Advanced Power Technology ARF440 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RF POWER IN (WATTS)
Figure 1, RF Power Out vs RF Power In
Figure 2, RF Power Out vs RF Power In
V
GS
, GATE-TO-SOURCE VOLTAGE (VOLTS)
T
C
, CASE TEMPERATURE (
°C)
Figure 2, Typical Transfer Characteristics
Figure 3, Threshold Voltage vs Temperature
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
T
J
, JUNCTION TEMPERATURE (
°C)
Figure 4, Maximum DC Safe Operating Area
Figure 5, Breakdown Voltage vs Temperature
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6, Typical Capacitance vs. Drain-To-Source Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
-50
-25
0
25
50
75
100 125 150
1
5
10
50
100 150
-50
-25
0
25
50
75
100 125 150
.01
.05
.1
.5
1
5
10
50
ARF440/441
VDS = 30V
250
µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
TC =+25°C
TJ =+150°C
V
DS
= V
GS
Operation
Here
Limited
By
R DS
(ON)
Crss
Coss
Ciss
TJ = +25°C
TJ = +125°C
TJ = +25°C
TJ = -55°C
TJ = +125°C
TJ = -55°C
Performance of aTypical
Push-Pull Power Amplifier (2-Devices)
f = 13.56 MHz
V
DD
= 50V
I
DQ
= 400mA - 200mA / Side
1.2
1.1
1.0
0.9
0.8
0.7
1.2
1.1
1.0
0.9
0.8
0.7
300
250
200
150
100
50
0
16
12
8
4
0
20
10
5
1
.5
.1
3,000
1,000
500
100
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com