Electronic Components Datasheet Search
  English  ▼

X  

PE51017 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51017
Description  Omni Antenna, 2400 . 2483.5 MHz, 8dB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51017 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51017 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759
Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Sales: sales@pasternack.com
Tech Support: techsupport@pasternack.com
PE51017
Omni Antenna,
2400 – 2483.5 MHz, 8dB
(1)
Pasternack reserves the right to change specifications or information without notice.
www.pasternack.com
1 of 1
Product Features
•
High gain, Omnidirectional Antenna
•
Base Station Applications
•
Vented design for harsh climates.
•
UV stable radome
•
Stainless steal mast mounting bracket included.
Description
The PE51017 omnidirectional antenna provides excellent indoor
and outdoor performance for WiFi applications within the 2.4 GHz
ISM band.
Its vented radome and sealed connector design will
survive extreme moisture and temperature environments.
The
antenna’s rugged construction will withstand winds up to 125 mph.
The mast mounting hardware is usable on masts up to 2.5” in
diameter. See the Pasternack catalog or website for the widest
selection of cable lengths and connector options.
Electrical Specifications (1)
Parameter
Units
Value
Impedance
Ohms
50
Frequency
MHz
2400 – 2483.5
VSWR
< 1.5:1
Polarization
Vertical
Gain
dB
8
Horizontal Beamwidth
degrees
360º
Vertical Beamwidth
degrees
13º
Power Rating
Watts
25
Mechanical Specifications (1)
Parameter
Value
Antenna height
20.2”
Base diameter
1.25”
Weight
0.56 lbs.
Radome Material
Pultruded fiberglass
Mast Mounting
Hardware
Aluminum and stainless steal construction for
masts up to 2.5” in diameter
Connector
N Female (Jack)
Ordering Information
Par Number
Description
PE51017
2.4 GHz Omnidirectional, Extreme Weather Antenna


Similar Part No. - PE51017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51010 PASTERNACK-PE51010 Datasheet
120Kb / 1P
Mobile Antenna, 870 - 950 MHz, 5 dB
PE51011 PASTERNACK-PE51011 Datasheet
57Kb / 1P
Yagi Antenna, 896 - 970 MHz, 9dB
PE51012 PASTERNACK-PE51012 Datasheet
55Kb / 1P
Yagi Antenna, 896 - 970 MHz, 11dB
PE51013 PASTERNACK-PE51013 Datasheet
41Kb / 1P
Low Profile Antenna, 806 - 896 MHz / 1710 . 1990 MHz, 3 dB
PE51014 PASTERNACK-PE51014 Datasheet
46Kb / 1P
Dual Band Antenna, 824 - 896 MHz / 1850 . 1990 MHz
More results

Similar Description - PE51017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51029 PASTERNACK-PE51029 Datasheet
276Kb / 1P
Vertical Omni Antenna 2400 - 2483 MHz 8.0 dBi
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
logo
List of Unclassifed Man...
ANT-2.4-CW-RCTA ETC2-ANT-2.4-CW-RCTA Datasheet
212Kb / 2P
Frequency Range 2400~2483.5 MHz
logo
TE Connectivity Ltd
1513164-1 TEC-1513164-1 Datasheet
1Mb / 2P
2400 ??2483.5 & 5150 ??5875 MHz Dual Band Antenna
1513431-1 TEC-1513431-1 Datasheet
797Kb / 5P
2400-2483.5 MHz SINGLE BAND ANTENNA
2118788-1 TEC-2118788-1 Datasheet
403Kb / 5P
2400-2483.5 & 4900-5875 MHz DUAL BAND STAMPED ANTENNA
1513353-1 TEC-1513353-1 Datasheet
868Kb / 2P
2400 ??2483.5 MHz Single Band Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com