Electronic Components Datasheet Search
  English  ▼

X  

ARF443 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # ARF443
Description  N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF443 Datasheet(HTML) 1 Page - Advanced Power Technology

  ARF443 Datasheet HTML 1Page - Advanced Power Technology ARF443 Datasheet HTML 2Page - Advanced Power Technology ARF443 Datasheet HTML 3Page - Advanced Power Technology ARF443 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N - CHANNEL ENHANCEMENT MODE RF POWER MOSFET
D
G
S
ARF442 200W 100V 13.56MHz
ARF443 200W 100V 13.56MHz
THE ARF442 PIN-OUTS ARE MIRROR IMAGE OF THE ARF443.
MAXIMUM RATINGS
All Ratings: T
C
= 25
°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
The ARF442 and ARF443 comprise a symmetric pair of RF power transistors designed for narrow-band push-pull
commercial, medical and industrial RF power amplifier applications.
• Specified 100 Volt, 13.56 MHz Characteristics:
• Output Power = 200 Watts.
• Gain = 22dB (Typ.)
• Efficiency = 73% (Typ.)
• Low Cost Common Source RF Package.
• Very High Breakdown for Improved Ruggedness.
• Low Thermal Resistance.
• Nitride Passivated Die for Improved Reliability.
Symbol
BV
DSS
V
DS
(ON)
I
DSS
I
GSS
g
fs
V
GS
(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250
µA)
On State Drain Voltage 1 (I
D
(ON) = 6.5A, V
GS
= 10V)
Zero Gate Voltage Drain Current (V
DS
= V
DSS
, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 0.8 V
DSS
, V
GS
= 0V, T
C
= 125
°C)
Gate-Source Leakage Current (V
GS
=
±30V, V
DS
= 0V)
Forward Transconductance (V
DS
= 10V, I
D
= 5.5A)
Gate Threshold Voltage (V
DS
= V
GS
, I
D
= 50mA)
MIN
TYP
MAX
300
6
250
1000
±100
3.5
4.5
25
UNIT
Volts
µA
nA
mhos
Volts
Symbol
V
DSS
V
DGO
I
D
V
GS
P
D
RθJC
T
J
,T
STG
T
L
Parameter
Drain-Source Voltage
Drain-Gate Voltage
Continuous Drain Current @ T
C
= 25
°C
Gate-Source Voltage
Total Power Dissipation @ T
C
= 25
°C
Junction to Case
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF442/443
300
300
8
±30
167
0.75
-55 to 150
300
UNIT
Volts
Amps
Volts
Watts
°C/W
°C
TO-247
RF OPERATION 1-15MHz
()
POWER MOS IV®
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
Bend, Oregon 97702-1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
APT Website - http://www.advancedpower.com


Similar Part No. - ARF443

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF440 ADPOW-ARF440 Datasheet
56Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF441 ADPOW-ARF441 Datasheet
56Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF444 ADPOW-ARF444 Datasheet
64Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF445 ADPOW-ARF445 Datasheet
64Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF443

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 ADPOW-ARF1501 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1502 ADPOW-ARF1502 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF444 ADPOW-ARF444 Datasheet
64Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF460A MICROSEMI-ARF460A Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 MICROSEMI-ARF1501 Datasheet
150Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1505 MICROSEMI-ARF1505 Datasheet
147Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF300 MICROSEMI-ARF300_10 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com