Electronic Components Datasheet Search
  English  ▼

X  

PE51049 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51049
Description  WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51049 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51049 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51049
WiMax Panel
Antenna
2400-2500 MHz,
19 dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specification values are "typical"
www.pasternack.com
1 of 1
Product Features
WiMAX Freq Range
2400-2500 MHz
6W power handling
High Gain, 19dBi
Rugged Fiberglass Radome
Specifications (1)
Ordering Information
Parameter
Value
Units
Description
Minimum Frequency
2400
MHz
Maximum Frequency
2500
MHz
Impedance
50
Ohms
Gain
19
dBi
Max Gain
Horizontal Plane
17
Deg
±2
Vertical Plane
17
Deg
±2
Polarization
V/H
Vertical or Horizontal Polarization
Max Input Pwr
6
W
Watts(Max)
Maximum VSWR
<=1.7
ratio
Between Min and Max Freq
Length/Width
371
mm
14.61sq inches
Width
40
mm
1.57 inches
Weight
2
Kg
Connector Type
SMA(f)
SMA Female
Maximum Wind Velocity
210
km/Hr
Front to Back Ratio
>=26
dB
Lightning Protection
DC Ground
Temperature Range
-40+60
Deg C
Part Number
Description
PE51049
2400-2500 MHz High 19 Gain WiMAX Antenna with SMA-Female connector


Similar Part No. - PE51049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 12 dBi
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51043 PASTERNACK-PE51043 Datasheet
72Kb / 1P
WIFI Panel Antenna 2600 MHz, 14 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
WiMAX Panel Antenna 5800 MHz, 23 dBi
More results

Similar Description - PE51049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
WiMAX Panel Antenna 5800 MHz, 23 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
PE51047 PASTERNACK-PE51047 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 18 dBi
PE51048 PASTERNACK-PE51048 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 20 dBi
PE51061 PASTERNACK-PE51061 Datasheet
63Kb / 1P
Vertical Omni Antenna 2400-2500, 8.0 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
TE Connectivity Ltd
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com