Electronic Components Datasheet Search
  English  ▼

X  

ARF461A Datasheet(PDF) 4 Page - Advanced Power Technology

Part # ARF461A
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF461A Datasheet(HTML) 4 Page - Advanced Power Technology

  ARF461A Datasheet HTML 1Page - Advanced Power Technology ARF461A Datasheet HTML 2Page - Advanced Power Technology ARF461A Datasheet HTML 3Page - Advanced Power Technology ARF461A Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRELIMINARY
TO-247 Package Outline
ARF461A/B
APT's devices are covered by one or more of the following U.S.patents: 4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
3.55 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
2-Plcs.
Top View
ARF - A
Device
ARF - B
Gate
Drain
Source
Source
Drain
Gate
Dimensions in Millimeters and (Inches)
NOTE: These two parts comprise a symmetric pair of RF
power
transistors
and
meet
the
same
electrical
specifications. The device pin-outs are the mirror image
of each other to allow ease of use as a push-pull pair.
L1
C1
R2
R1
DUT
L2
L3
C3
C4
C7
C6
C2
C8
C9
L4
250V
+
-
RF
Output
RF
Input
C1 -- 1800pF + 1000pF 100V chips
mounted at gate lead
C2-C5 -- Arco 463 Mica trimmer
C6-C8 -- .1 mF 500V ceramic chip
C9 -- 2200 pF 500 V chip
L1 -- 4t #20 AWG .25"ID .3 "L ~80nH
L2 -- 7t #16 AWG .4" ID .5"L ~335nH
L3 -- 25t #24 AWG .25"ID ~2.2uH
L4 -- VK200-4B ferrite choke 3uH
R1-R2 -- 51 Ohm 0.5W Carbon
DUT = ARF461A/B
40.68 MHz Test Circuit
+
-
Bias
0 - 12V
C5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com