Electronic Components Datasheet Search
  English  ▼

X  

PE51085 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51085
Description  Rubber Duck Antenna 3400-3800 MHz, 5dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51085 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51085 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51085
Rubber Duck
Antenna
3400-3800 MHz, 5dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
www.pasternack.com
1 of 1
Product Features
Swivel Style WiFi
3400-3800 MHz Center Freq
High Gain, 5dBi Omni Radiation Pattern
Description
The PE51085 swivel style Rubber Duck Antenna
provides excellent performance is multiple wireless
applications. Its small size and rugged construction is
perfect for both indoor and portable wireless systems.
Specifications (1)
Parameter
Value
Units
Description
Minimum Frequency
3400
MHz
Maximum Frequency
3800
MHz
Impedance
50
Ohms
Gain
5
dBi
Maximum VSWR
<2.0
ratio
Between Min and Max Freq
RF Power
50
W
Maximum
Length
198
mm
7.8 inches
Connector Type
RP-SMA- Male
Ordering Information
Part Number
Description
PE51085
3400-3800 MHz Rubber Duck, Reverse Polarity-SMA-Male


Similar Part No. - PE51085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51080 PASTERNACK-PE51080 Datasheet
73Kb / 1P
Duck Antenna 2400-2500 & 4900-5825 MHz, 2dBi
PE51081 PASTERNACK-PE51081 Datasheet
88Kb / 1P
Rubber Duck Antenna 2400- 2500 & 4900-5825 MHz,2dBi & 3dBi
PE51082 PASTERNACK-PE51082 Datasheet
72Kb / 1P
Rubber Duck Antenna 2400-2500 & 4900-5825 MHz, 2dBi
PE51083 PASTERNACK-PE51083 Datasheet
262Kb / 1P
Duck Antenna 2400-2500 & 4900-5825 MHz, 2dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
More results

Similar Description - PE51085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com