Electronic Components Datasheet Search
  English  ▼

X  

PE51135 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51135
Description  High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51135 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51135 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51135
High Performance
Vertical Omni
Antenna
4400-5000 MHz,
6.0dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specifications "typical"
www.pasternack.com
1 of 1
Ordering Information
Part Number
Description
PE51135
4400-5000 MHz 6.0 dBi Gain Omni Antenna with Type N-male Connector and Spring Base
Product Features
Broad Band Coverage
Collinear Dipole Design
4400-5000 MHz
50W power handling
6.0 dBi Omni Radiation Pattern
Rugged Construction Low Glare Black Fiberglass Radome
Heavy Duty Spring Base
Specifications (1)
Parameter
Value
Units
Description
Minimum Frequency
4400
MHz
Maximum Frequency
5000
MHz
Impedance
50
Ohms
Gain
6.0
dBi
Max Gain
Horizontal Beamwidth
360
Degrees
Vertical Beamwidth
30
Degrees
Polarization
Vertical
Max Input Pwr
50
Watts
Watts(Max)
Maximum VSWR
<2:1
ratio
Between Min and Max Freq
Length
11.0
Inches
Diameter
.812
Inches
Weight
4.4
oz
Connector Type
N(m)
Type N Male
Maximum Wind Velocity
100
Km/Hr


Similar Part No. - PE51135

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51135A PASTERNACK-PE51135A Datasheet
390Kb / 4P
Antenna Operates From 4.4 GHz to 5 GHz with a Maximum 6 dBi Gain N Male Input Connector Rated
More results

Similar Description - PE51135

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
PE51119 PASTERNACK-PE51119 Datasheet
293Kb / 1P
High Performance Vertical Omni Antenna 1700-1850 MHz, 3.5dBi
PE51120 PASTERNACK-PE51120 Datasheet
86Kb / 1P
High Performance Vertical Omni Antenna 1700-1850 MHz, 3.5dBi
PE51121 PASTERNACK-PE51121 Datasheet
134Kb / 1P
High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51122 PASTERNACK-PE51122 Datasheet
414Kb / 1P
High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51123 PASTERNACK-PE51123 Datasheet
371Kb / 1P
High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
PE51125 PASTERNACK-PE51125 Datasheet
381Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz 3.8 dBi
PE51126 PASTERNACK-PE51126 Datasheet
66Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz, 3.8dBi
PE51127 PASTERNACK-PE51127 Datasheet
126Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz, 6.0dBi
PE51134 PASTERNACK-PE51134 Datasheet
294Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com