Electronic Components Datasheet Search
  English  ▼

X  

ACT3492 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT3492 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
4
Analog Transceiver Characteristics (Over Full Temperature Range)
Parameter
Symbol
Test Conditions
Min
Max
Unit
Notes
Differential Output
Voltage
VO
35 ohm load, Point A
70 ohm load, Point C
Figure 4
6.0
18
9.0
26
Vp-p
Vp-p
1
Differential Output
Noise
VON
Inhibited
Figure 4, Point A
10
mVp-p
3
Terminal Input
Impedance
ZIN
Transmitter off
1 Mhz sine wave
As measured from the 1553
bus (direct coupled).
Figure 4 Point A
2.0
K
Ω
1
Differential Offset
Voltage
Vos
35 ohm load, Point A
70 ohm load, Point C
Figure 4
±90
±250
mV
mV
1, 3, 5
1,5
Rise Time
tR
35 or 70 ohm load
Figure 4, Points A,C
100
300
nSec
1
Fall Time
tF
35 or 70 ohm load
Figure 4, Points A,C
100
300
nSec
1
Analog Transceiver Power Supply Characteristics (Each Channel)
Parameter
Symbol
Test Conditions
Min
Max
Unit
Notes
Supply Current
ICC1
Standby
25
mA
1,2
ICC2
25% duty cycle
160
mA
1,2
ICC3
50% duty cycle
290
mA
1,2
ICC4
100% duty cycle
550
mA
1,2,3
Notes:
1/
VCC = 5.0 Volts dc +/-0.1 Volts dc unless otherwise specified.
2/
All specifications and limits are for a single channel with no connections made to the other channel.
3/
Parameters shall be tested as part of device initial characterization and after design and process
changes. Parameter shall be guaranteed to limits specified in above tables for all lots not specifically
tested.
4/
Threshold determined by first no response to a receive 32 word command.
5/
Measured 2.5µSec after the mid-bit zero crossing of the last parity bit of a 660µSec transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com