Electronic Components Datasheet Search
  English  ▼

X  

ACT4418 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT4418
Description  ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4418 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT4418 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Aeroflex Circuit Technology
SCD4418D Rev A 9/24/97 Plainview NY (516) 694-6700
4
Electrical Characteristics, Receiver Section
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Input Voltage Range
VIDR
40
V p-p
Input Common Mode Voltage Range
Note 1
VICR
10
V p-p
Common Mode Rejection Ratio Note 3
Note 1
CMRR
40
dB
Strobe Characteristics (Logic "O" inhibits output)
"0" Input Current
VS=0.4 V
I
IL
-0.2
-0.4
mA
"1" Input Current
VS=2.7V
IIH
-1.0
+40
µA
"0" Input Voltage
VIL
0.7
V
"1" Input Voltage
VIH
2.0
V
Strobe Delay (turn-on or turn-off)
Note 1.
tSD
150
nS
Threshold Characteristics (Sinewave input )
Internal Threshold Voltage (referred to the
bus)
100KHz-
1 MHz
VTH
0.60
0.8
1.05
V P-P
Output Characteristics, RX DATA and RX DATA
"1" State
IOH = -0.4 mA
VOH
2.5
3.6
V
"0" State
IOL = 4 mA
VOL
0.35
0.5
V
Delay, (average)from differential input zero
crossings to RX DATA and RX DATA output
50% points
Note 1
tDRX
300
450
nS
Power Data
Power Supply Currents (Typical) – Per Channel – See Figure 4 (Power supplies set at +12V, -12V, +5V)
Duty Cycle
+V
-V
5V
Transmitter Standby
30mA
50mA
25mA
25% duty cycle
Note 1
50mA
70mA
50% duty cycle
75mA
95mA
100% duty cycle
Note 1
120mA
140mA
Note: Typical currents for VO AT 140
Ω = 30VP-P
Recommended Power Supply Voltage Range
+V
+11.4 Volts to +12.6 Volts
-V
-11.4 Volts to -12.6 Volts
Logic
+4.5 Volts to + 5.5 Volts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com