Electronic Components Datasheet Search
  English  ▼

X  

ACT4455 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT4455
Description  ACT 4455 / 4459 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4455 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT4455 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4455 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Aeroflex Circuit Technology
SCD4455 REV A 1/29/98
Plainview NY (516) 694-6700
4
Note 2: Vcc = 5 Volts ±0.1 V, bypassed by 2.2 µF (Tantalum recommended) Capacitor minimum. All measurements &
specifications apply over the temperature range of -55°C to +125°C (case temperature) unless otherwise
specified.
Note 3: When measured at point A-A’ with ± 10 Volt peak, line to ground, DC to 2MHz
Note 4: Typical power is measured with Vbus at point A-A’ = 7.5 VP-P
Electrical Characteristics — Receiver Section
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Receiver Input Voltage Range
(See Figure 5, point P–P')
TXFMR
2.12:1
VIDR
14
20
VP-P
Common Mode Rejection Ratio (Note 3)
CMRR
45
dB
Strobe Characteristics (Logic "O" Inhibits Output)
"0" Input Current
VS=0.4 V
IIL
-0.2
-0.4
mA
"1" Input Current
VS=2.7V
IIH
1
+40
µA
"0" Input Voltage
VIL
0.7
V
"1" Input Voltage
VIH
2.0
V
Strobe Delay (Turn-on or Turn-off)
tSD
50
100
nS
Threshold Characteristics (Sinewave Input)
Input Threshold Voltage (referred to the bus)
100KHz–1MHz
VTH
0.60
0.82
1.10
V P-P
Output Characteristics – RX DATA and RX DATA
"1" State
IOH = -0.4 mA
VOH
2.5
3.7
V
"0" State
IOL = -4.0 mA
VOL
0.35
0.5
V
Delay, (average) from Differential Input Zero
Crossings to RX DATA and RX DATA Output
50% points
tDRX
340
500
nS
Power Data
Power Supply Currents – Per Channel
Transmitter Standby
Note 4
ICC
18
30
mA
25% duty cycle
150
175
50% duty cycle
300
350
100% duty cycle
600
700
Power Supply Voltage
Operating Power Supply Voltage Range
VCC
+4.75
+5.00
+5.50
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com