| Electronic Components Datasheet Search |
|
7005 Datasheet(PDF) 16 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
7005 Datasheet(HTML) 16 Page - Aeroflex Circuit Technology |
|
16 / 29 page ![]() Aeroflex Circuit Technology SCD7005 REV B 8/2/01 Plainview NY (516) 694-6700 16 Operation Function RESET RESET INPUT/OUTPUT BUFFERS This command clears both the input and output FIFO buffers. The BUFF EF flag will go low indicating the output buffer is empty. READ OUTPUT DATA BUFFER READ OUTPUT FIFO READS the data moved from the INTERNAL RAM in response to an UNLOAD execute operation. The order of the data words corresponds to the same order that they would be received on the 1553B bus. That is the first data word read is the first data word following the COMMAND word. In the 8 bit mode the HIGH BYTE is read FIRST. WRITE OUTPUT DATA BUFFER WRITE INPUT FIFO WRITES the data that will be moved into the INTERNAL RAM in response to a LOAD execute operation. The order of the data words corresponds to the same order that they would be transmitted on the 1553B bus. That is the first data word written is the first data word transmitted following the status word. In 8 bit mode the HIGH BYTE is written FIRST. EXECUTE OP EXECUTES OPERATION SPECIFIED IN OPERATION REGISTER 1. I/O BIT HIGH Data currently in INPUT FIFO BUFFER is loaded into the INTERNAL RAM block specified by the T/R BIT and SUBADDRESS FIELD of the OPERATION REGISTER. The INPUT BUFFER must have at least one data word. The DONE interrupt is pulsed when the operation is completed. 2. I/O BIT LOW An entire block of data (32 words) specified by the T/R and the SUBADDRESS field of the OPERATION REGISTER is unloaded from the INTERNAL RAM into the OUTPUT FIFO BUFFER. The BUFF EF Flag goes high when the first data word is moved into the OUTPUT BUFFER. The DONE interrupt is pulsed when the complete message has been moved. EXECUTE OP WITH RPT OPTION EXECUTES OPERATION SPECIFIED IN OPERATION REGISTER WITH REPEAT OPTION 1. I/O BIT HIGH Data previously written into the INPUT BUFFER is loaded into a new INTERNAL RAM block specified by the T/R and SUBADDRESS field of the OPERATION REGISTER. This operation allows a block of data loaded in the INPUT BUFFER to be repeatedly copied into multiple subaddresses of the INTERNAL RAM without the subsystem having to reload the data. The DONE interrupt is pulsed when the operation is completed. The intent of the operation is to minimize the time required to initialize the INTERNAL RAM. 2. I/O BIT LOW Operation identical to EXECUTE OP. WITHOUT RPT option. TRIGGER TRANSACTION TRIGGER TEST TRANSACTION/TEST TRIGGER This signal executes the desired Bus Controller Function or test of the protocol section determined by the Operation Register. Table 8 – Non-Register Operational Commands |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |