Electronic Components Datasheet Search
  English  ▼

X  

PE3920 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3920
Description  CABLE ASSEMBLY RG405/U N MALE TO N MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3920 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3920 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE3920

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3920LF PASTERNACK-PE3920LF Datasheet
270Kb / 1P
CABLE ASSEMBLY RG405/U N MALE TO N MALE(LEAD FREE)
More results

Similar Description - PE3920

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3818 PASTERNACK-PE3818 Datasheet
263Kb / 1P
CABLE ASSEMBLY RG405/U SMA MALE TO SMA MALE
PE3920LF PASTERNACK-PE3920LF Datasheet
270Kb / 1P
CABLE ASSEMBLY RG405/U N MALE TO N MALE(LEAD FREE)
PE36535 PASTERNACK-PE36535 Datasheet
273Kb / 1P
CABLE ASSEMBLY RG405/U 1.85mm MALE TO 3.5mm MALE
PE3828 PASTERNACK-PE3828 Datasheet
265Kb / 1P
CABLE ASSEMBLY RG405/U SMA MALE TO N MALE
PE3921 PASTERNACK-PE3921 Datasheet
265Kb / 1P
CABLE ASSEMBLY RG405/U N MALE TO N FEMALE
PE3921LF PASTERNACK-PE3921LF Datasheet
275Kb / 1P
CABLE ASSEMBLY RG405/U N MALE TO N FEMALE(LEAD FREE)
PE33420 PASTERNACK-PE33420 Datasheet
265Kb / 1P
CABLE ASSEMBLY RG405/U SMA MALE TO TNC MALE
PE3678 PASTERNACK-PE3678 Datasheet
265Kb / 1P
CABLE ASSEMBLY, RG405/U, BNC MALE TO BNC MALE
PE3828LF PASTERNACK-PE3828LF Datasheet
274Kb / 1P
CABLE ASSEMBLY, RG405/U, SMA MALE TO N MALE (LEAD FREE)
PE36539 PASTERNACK-PE36539 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG405/U, 1.85mm MALE TO SMA MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com