Electronic Components Datasheet Search
  English  ▼

X  

PE4045 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4045
Description  SMC Plug Connector Crimp/Solder Attachment For RG174 RG316 RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4045 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4045 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4045 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4045 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Plug Connector Crimp/Solder Attachment
For RG174, RG316, RG188
SMC Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMC Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.846 [21.49]
Width/Dia., in [mm]
0.25 [6]
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMC Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Hex Size, in
1/4
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-plug-standard-rg174-rg316-rg188-connector-pe4045-p.aspx
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4045
PE4045
PE4045 REV


Similar Part No. - PE4045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4045 PASTERNACK-PE4045 Datasheet
351Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4045 PASTERNACK-PE4045_16 Datasheet
351Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
More results

Similar Description - PE4045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4094 PASTERNACK-PE4094 Datasheet
258Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4270 PASTERNACK-PE4270 Datasheet
838Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE44145 PASTERNACK-PE44145 Datasheet
267Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4896 PASTERNACK-PE4896 Datasheet
262Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4551 PASTERNACK-PE4551 Datasheet
261Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44297 PASTERNACK-PE44297 Datasheet
207Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4201 PASTERNACK-PE4201 Datasheet
309Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE45209 PASTERNACK-PE45209 Datasheet
352Kb / 3P
SSMC Plug Connector Crimp/Solder Attachment for RG316, RG174, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com