Electronic Components Datasheet Search
  English  ▼

X  

ACTF512K32 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACTF512K32
Description  ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF512K32 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACTF512K32 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 9Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 10Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 11Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 12Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
A
A
Aeroflex Circuit Technology
SCD1665 REV B 6/29/01 Plainview NY (516) 694-6700
9
CE
WE
OE
Data
D0-D7
tOEH
tOES
D6=Toggle
D6
Valid
tOE
D6=Toggle
Stop Toggle
D0-D7
Figure 1
AC Waveforms for Toggle Bit During Embedded Algorithm Operations
IOL
Parameter
Typical
Units
Input Pulse Level
0 – 3.0
V
Input Rise and Fall
5
ns
Input and Output Timing Reference Level
1.5
V
Output Lead Capacitance
50
pF
Notes:
1) VZ is programmable from -2V to +7V. 2) IOL and IOH programmable from 0 to 16 mA. 3) Tester Impedance
ZO =75
Ω. 4) VZ is typically the midpoint of VOH and VOL. 5) IOL and IOH are adjusted to simulate a typical
resistance load circuit. 6) ATE Tester includes jig capacitance.
IOH
To Device Under Test
VZ ~ 1.5 V (Bipolar Supply)
Current Source
Current Source
CL =
50 pF
Figure 2
AC Test Circuit
Table 4 — Hardware Sequence Flags
In Progress
Status
D7
D6
D5 D3
D2 – D0
Auto-Programming
D7
Toggle00
D
Programming in Auto Erase
0Toggle01
Exceeding Time Limits
Auto-Programming
D7
Toggle11
D
Programming in Auto Erase
0Toggle11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com