Electronic Components Datasheet Search
  English  ▼

X  

ACTF512K8 Datasheet(PDF) 19 Page - Aeroflex Circuit Technology

Part # ACTF512K8
Description  ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF512K8 Datasheet(HTML) 19 Page - Aeroflex Circuit Technology

Back Button ACTF512K8 Datasheet HTML 13Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 14Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 15Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 16Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 17Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 18Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 19Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 20Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 21Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Aeroflex Circuit Technology
SCD1668 REV A 4/28/98
Plainview NY (516) 694-6700
19
Pin Numbers & Functions
32 Pins — Flat Package
1
A18
17
I/O3
2
A16
18
I/O4
3
A15
19
I/O5
4
A12
20
I/O6
5
A7
21
I/O7
6
A6
22
CS
7
A5
23
A10
8
A4
24
OE
9
A3
25
A11
10
A2
26
A9
11
A1
27
A8
12
A0
28
A13
13
I/O0
29
A14
14
I/O1
30
A17
15
I/O2
31
WE
16
VSS
32
VCC
All dimensions in inches
Package Outline "F6" — 32 Lead, Ceramic Flat Package
.750
0.820
Pin 1
.410
0.017
±.010
±.002
.125 MAX
.005
Pin 16
Pin 17
Pin 32
±.005
(15 spaces at .050)
2 sides
0.400
MIN
+.002
-.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com