Electronic Components Datasheet Search
  English  ▼

X  

PE4094 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4094
Description  SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4094 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4094 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4094 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Connector Crimp/Solder Attachment
For RG174, RG316, RG188
SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMC Jack
Connector Specification
MIL-C-39012
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.81 [20.57]
Width/Dia., in [mm]
0.235 [6]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMC Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-jack-standard-rg174-rg316-rg188-connector-pe4094-p.aspx
SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4094
PE4094 REV


Similar Part No. - PE4094

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4094 PASTERNACK-PE4094 Datasheet
360Kb / 3P
SMC Jack Connector Crimp/Solder Attachment
PE4094 PASTERNACK-PE4094_16 Datasheet
360Kb / 3P
SMC Jack Connector Crimp/Solder Attachment
More results

Similar Description - PE4094

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4045 PASTERNACK-PE4045 Datasheet
261Kb / 3P
SMC Plug Connector Crimp/Solder Attachment For RG174 RG316 RG188
PE4270 PASTERNACK-PE4270 Datasheet
838Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4096 PASTERNACK-PE4096 Datasheet
291Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4097 PASTERNACK-PE4097 Datasheet
271Kb / 3P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44148 PASTERNACK-PE44148 Datasheet
204Kb / 2P
FME Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4562 PASTERNACK-PE4562 Datasheet
356Kb / 3P
MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4901 PASTERNACK-PE4901 Datasheet
241Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4201 PASTERNACK-PE4201 Datasheet
309Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE45156 PASTERNACK-PE45156 Datasheet
354Kb / 3P
SMC Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com