Electronic Components Datasheet Search
  English  ▼

X  

ACTSF128K16 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACTSF128K16
Description  ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTSF128K16 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACTSF128K16 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTSF128K16 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
CIRCUIT TECHNOLOGY
www.aeroflex.com
eroflex Circuit Technology - Advanced Multichip Modules © SCD1677 REV A 4/28/98
s 2 – 128K x 8 SRAMs & 2 – 128K x 8 Flash Die in
One MCM
s Access Times of 25ns (SRAM) and 60ns (Flash) or
35ns (SRAM) and 70 or 90ns (Flash)
s 128K x 16 SRAM
s 128K x 16 5V Flash
s Organized as 128K x 16 of SRAM and 128K x 16 of
Flash Memory with Separate Data Buses
s Both Blocks of Memory are User Configurable as
256K x 8
s Low Power CMOS
s Input and Output TTL Compatible Design
s MIL-PRF-38534 Compliant MCMs Available
s Decoupling Capacitors and Multiple Grounds for Low
Noise
s Industrial and Military Temperature Ranges
s Industry Standard Pinouts
s Packaging – Hermetic Ceramic
q
66 Pin, 1.08" x 1.08" x .160" PGA Type, No Shoulder,
Aeroflex code# "P3"
q
66 Pin, 1.08" x 1.08" x .185" PGA Type, With
Shoulder, Aeroflex code# "P7"
q
68 Lead, .94" x .94" x .140" Single-Cavity Small
Outline Gull Wing, Aeroflex code# "F18" (Drops into
the 68 Lead JEDEC .99"SQ CQFJ footprint)
s DESC SMD Pending – 5962-96900
FLASH MEMORY FEATURES
s Sector Architecture (Each Die)
q
8 Equal Sectors of 16K bytes each
q
Any combination of sectors can be erased with one
command sequence.
s +5V Programing, 5V ±10% Supply
s Embedded Erase and Program Algorithms
s Hardware and Software Write Protection
s Internal Program Control Time.
s 10,000 Erase/Program Cycles
Pin Description
FI/O0-15
Flash Data I/O
SI/O0-15
SRAM Data I/O
A0–16
Address Inputs
FWE1-2
Flash Write Enables
SWE1-2 SRAM Write Enables
FCE1-2
Flash Chip Enables
SCE1-2
SRAM Chip Enables
OE
Output Enable
NC
Not Connected
VCC
Power Supply
GND
Ground
128Kx8
FCE2
OE
A0 – A16
SI/O0-7
SI/O8-15
FI/O0-7
FI/O8-15
8
8
8
8
FCE1 FWE2
FWE1
SWE2
SWE1 SCE1
SCE2
Block Diagram – PGA Type Package (P3,P7) and CQFP (F18)
SRAM
128Kx8
SRAM
128Kx8
Flash
128Kx8
Flash
128Kx16 SRAM/FLASH Multichip Module
ACT–SF128K16 High Speed
Note: Programming information available upon request


Similar Part No. - ACTSF128K16

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
More results

Similar Description - ACTSF128K16

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com