Electronic Components Datasheet Search
  English  ▼

X  

PE4232 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4232
Description  SC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4232 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4232 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4232 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4232 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SC Male Connector Crimp/Solder Attachment
For RG214, RG9, RG225, RG393
SC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
Configuration
Connector
SC Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG214,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
3,000
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.72 [43.69]
Width/Dia., in [mm]
0.787 [20]
Weight, lbs [g]
0.082 [37.19]
Connector
Type
SC Male
Contact Material and Plating
Brass, Silver
Contact Plating Specification
200µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393 PE4232
PE4232
PE4232 REV


Similar Part No. - PE4232

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4232 PEREGRINE-PE4232 Datasheet
265Kb / 8P
SPST CATV UltraCMOS??Switch
logo
Pasternack Enterprises,...
PE4232 PASTERNACK-PE4232 Datasheet
354Kb / 3P
SC Male Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE4232-EK PEREGRINE-PE4232-EK Datasheet
265Kb / 8P
SPST CATV UltraCMOS??Switch
logo
Pasternack Enterprises,...
PE4232 PASTERNACK-PE4232_16 Datasheet
354Kb / 3P
SC Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4232

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4048 PASTERNACK-PE4048 Datasheet
266Kb / 3P
N Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44051 PASTERNACK-PE44051 Datasheet
85Kb / 1P
UHF MALE CRIMP ATTACHMENT FOR RG9 RG214 RG225 &RG393
PE4447 PASTERNACK-PE4447 Datasheet
256Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4483 PASTERNACK-PE4483 Datasheet
265Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4375 PASTERNACK-PE4375 Datasheet
247Kb / 2P
C Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4351 PASTERNACK-PE4351 Datasheet
261Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4571 PASTERNACK-PE4571 Datasheet
261Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com