Electronic Components Datasheet Search
  English  ▼

X  

PE4240 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4240
Description  C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4240 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4240 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4240 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
C Female Bulkhead Connector Solder Attachment
Solder Cup Terminal, .720 inch D Hole
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
Configuration
Connector
C Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.094 [27.79]
Width/Dia., in [mm]
1 [25]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
C Female
Contact Material and Plating
Silver
Body Material and Plating
Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/c-female-standard-solder-cup-terminal-connector-pe4240-p.aspx
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE4240
PE4240 REV


Similar Part No. - PE4240

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
SPST UltraCMOS??CATV Switch DC - 1300 MHz
logo
Pasternack Enterprises,...
PE4240 PASTERNACK-PE4240 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
logo
Peregrine Semiconductor...
PE4240-EK PEREGRINE-PE4240-EK Datasheet
267Kb / 8P
SPST UltraCMOS??CATV Switch DC - 1300 MHz
logo
Pasternack Enterprises,...
PE4240 PASTERNACK-PE4240_16 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results

Similar Description - PE4240

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4972 PASTERNACK-PE4972 Datasheet
258Kb / 3P
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole, High Voltage
PE4105 PASTERNACK-PE4105 Datasheet
206Kb / 2P
3/4 inch-20 Twinax Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE44097 PASTERNACK-PE44097 Datasheet
205Kb / 2P
C Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44393 PASTERNACK-PE44393 Datasheet
221Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4014 PASTERNACK-PE4014 Datasheet
251Kb / 2P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4971 PASTERNACK-PE4971 Datasheet
223Kb / 3P
C Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE4065 PASTERNACK-PE4065 Datasheet
350Kb / 3P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4240 PASTERNACK-PE4240_16 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com