Electronic Components Datasheet Search
  English  ▼

X  

PE4263 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4263
Description  SMC Plug Right Angle Connector Clamp/Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4263 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4263 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4263 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG178, RG196
Configuration
Connector
SMC Plug
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.54 [13.72]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.485 [12.32]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Plug
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Right Angle Connector Clamp/Solder Attachment For RG178, RG196 PE4263
URL: http://www.pasternack.com/smc-plug-standard-rg178-rg196-connector-pe4263-p.aspx
PE4263
PE4263 REV
SMC Plug Right Angle Connector Clamp/
Solder Attachment For RG178, RG196


Similar Part No. - PE4263

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE42632DBI PEREGRINE-PE42632DBI Datasheet
125Kb / 4P
SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE42632DTI PEREGRINE-PE42632DTI Datasheet
125Kb / 4P
SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
More results

Similar Description - PE4263

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4074 PASTERNACK-PE4074 Datasheet
304Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4250 PASTERNACK-PE4250 Datasheet
306Kb / 2P
SMB Plug Connector Clamp/Solder Attachment For RG178, RG196
PE4202 PASTERNACK-PE4202 Datasheet
260Kb / 1P
SMC PLUG CONNECTOR CLAMP/SOLDER ATTACHMENT FOR RG178,RG196
PE4814 PASTERNACK-PE4814 Datasheet
93Kb / 1P
D-Subminature PLUG RIGHT ANGLE SOLDER ATTACHMENT FOR RG178& RG196
PE4927 PASTERNACK-PE4927 Datasheet
282Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4108 PASTERNACK-PE4108 Datasheet
206Kb / 2P
SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4214 PASTERNACK-PE4214 Datasheet
210Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG178, RG196
PE4787 PASTERNACK-PE4787 Datasheet
225Kb / 2P
RP SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com