Electronic Components Datasheet Search
  English  ▼

X  

PE4312 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4312
Description  MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4312 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4312 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4312 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Female Bulkhead Connector Solder
Attachment Turret Terminal, .537 inch D Hole
MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
Configuration
Connector
MHV Female
Connector Interface Type
Turret
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.06 [26.92]
Width/Dia., in [mm]
0.625 [16]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
MHV Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-female-standard-turret-terminal-connector-pe4312-p.aspx
MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE4312
PE4312 REV


Similar Part No. - PE4312

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4312 PSEMI-PE4312 Datasheet
633Kb / 13P
PE4312
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
315Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment
logo
Peregrine Semiconductor
PE4312C-Z PSEMI-PE4312C-Z Datasheet
730Kb / 13P
UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312_16 Datasheet
315Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment
More results

Similar Description - PE4312

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4077 PASTERNACK-PE4077 Datasheet
259Kb / 3P
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4193 PASTERNACK-PE4193 Datasheet
257Kb / 3P
MHV Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch DD HOLE
PE4049 PASTERNACK-PE4049 Datasheet
253Kb / 2P
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .480 inch D Hole
PE44392 PASTERNACK-PE44392 Datasheet
220Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4561 PASTERNACK-PE4561 Datasheet
218Kb / 2P
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4481 PASTERNACK-PE4481 Datasheet
240Kb / 2P
HN Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .765 inch DD Hole
PE4973 PASTERNACK-PE4973 Datasheet
221Kb / 3P
C Female Bulkhead Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4311 PASTERNACK-PE4311 Datasheet
243Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4193 PASTERNACK-PE4193_16 Datasheet
349Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com