Electronic Components Datasheet Search
  English  ▼

X  

PE4366 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4366
Description  SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4366 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4366 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4366 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
Configuration
Connector
SMB Plug
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.467 [11.86]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
SMB Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4366
URL: http://www.pasternack.com/smb-plug-standard-thru-hole-pcb-connector-pe4366-p.aspx
PE4366
PE4366 REV
SMB Plug Connector Solder Attachment Thru Hole
PCB, .200 inch x .067 inch Hole Spacing


Similar Part No. - PE4366

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4366 PASTERNACK-PE4366 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
PE4366 PASTERNACK-PE4366_16 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE4366

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4292 PASTERNACK-PE4292 Datasheet
221Kb / 3P
75 Ohm SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4368 PASTERNACK-PE4368 Datasheet
278Kb / 2P
75 Ohm SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4174 PASTERNACK-PE4174 Datasheet
257Kb / 1P
SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x 067 inch Hole Spacing
PE4367 PASTERNACK-PE4367 Datasheet
848Kb / 2P
SMC PLUG CONNECTOR CLAMP/SOLDER ATTACHMENT THRU HOLE PCB, .200 inch x .067 inch Hole Spacing
PE4177 PASTERNACK-PE4177 Datasheet
259Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4525 PASTERNACK-PE4525 Datasheet
219Kb / 3P
SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110_16 Datasheet
318Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4366 PASTERNACK-PE4366_16 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
PE4367 PASTERNACK-PE4367_16 Datasheet
316Kb / 3P
SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com