Electronic Components Datasheet Search
  English  ▼

X  

SPI300GLS Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI300GLS
Description  300 Watts SFX12V Switching Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI300GLS Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI300GLS Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
SPI300GLS
(80PLUS, RoHS Compliant)
300 Watts SFX12V Switching Power Supply
Features
• Complied with SFX12V standard
• Active Power Factor Correction (PFC) meet EN61000-3-2
• High efficiency and reliability
• Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
• Remote ON/OFF function
• Internal 12V DC fan included
• Noise Killer (thermal fan speed control function)
• Low noise and ripple
• Output over voltage, short circuit, and over current protection
• 100% Hi- ot, ATE, and burn-in tested
Specification
• Temperature Range: Operating: 0°C ~ +50°C ; storage &
shipping: -20°C ~ +80°C
• Humidity: 5 ~ 95% on operating, 5 ~ 95% on storage
• Dielectric Withstand: Primary frame ground 1800V AC for
1 second
• Efficiency: 80% minimum, 84.3% on Typical Load .
• Rise time: Less than 20ms
• Hold-up Time: 17ms minimum at nominal input voltage
• Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
• Leakage Current: Less than 3.5mA .
• MTBF: 100,000 hours on maximum load at +25°C
• Dimensions (LxWxH): 100x125x63.5mm / 4x4.9x2.5inch
p
• Re-settabl
ower shut down
e p
• Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved y CUL/UL60950-1, CSA C22.2
•
EN60950-
NEMKO EN60950-1+CB report, FCC, EMC
b
NO. 60950-1, TUV
1,
Input Characteristics
Input Range: 90 ~ 265Vac , Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 4A @ 115Vac, 2A @ 230Vac
Inrush Current: No damage
Output Characteristics
Output Voltage
Minimum
Load
Normal
Load
Maximum
Load
Peak Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
10A
20A
± 5%
50mV P-P
+5V
0.3A
11A
22A
± 5%
50mV P-P
+12V1
1.0A
8A
16A
± 5%
120mV P-P
+12V2
1.0A
8A
16A
19A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0.0A
1.0A
2.0A
2.5A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 125W
* Total output for this subject power supply is300W
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Similar Part No. - SPI300GLS

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI300GLN SPI-SPI300GLN Datasheet
63Kb / 1P
300 Watts ATX12V 2.2 Switching Power Supply
More results

Similar Description - SPI300GLS

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
ATX-300GT SPI-ATX-300GT Datasheet
569Kb / 2P
300 Watts ATX12V Switching Power Supply
FSP180-50NIV SPI-FSP180-50NIV Datasheet
100Kb / 1P
180 Watts SFX12V Switching Power Supply
FSP180-51NIV SPI-FSP180-51NIV Datasheet
139Kb / 1P
180 Watts SFX12V Switching Power Supply
FSP200-50NIV SPI-FSP200-50NIV Datasheet
100Kb / 1P
200 Watts SFX12V Medical Grade Switching Power Supply
FSP200-50SNV SPI-FSP200-50SNV Datasheet
72Kb / 1P
200 Watts SFX12V Switching Power Supply
FSP300-60GLS SPI-FSP300-60GLS Datasheet
542Kb / 2P
300 Watts SFX12V Switching Power Supply
FSP300-60GNV SPI-FSP300-60GNV Datasheet
70Kb / 1P
300 Watts SFX12V Switching Power Supply
FSP300-60GRE SPI-FSP300-60GRE Datasheet
77Kb / 1P
300 Watts ATX12V Switching Power Supply
FSP350-60GNV SPI-FSP350-60GNV Datasheet
332Kb / 2P
350 Watts SFX12V Switching Power Supply
SPI350MB SPI-SPI350MB Datasheet
47Kb / 1P
330/350 Watts SFX12V Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com