Electronic Components Datasheet Search
  English  ▼

X  

PE4376 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4376
Description  N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4376 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4376 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4376 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4376 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
Configuration
Connector
N Male
Connector Specification
MIL-STD-348A
Connector Interface Type
PE-SR401AL,PE-SR401FL,RG401
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 8
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.965 [24.51]
Width/Dia., in [mm]
0.827 [21.01]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL,
RG401 PE4376
PE4376
PE4376 REV
N Male Precision Connector Solder Attachment
For PE-SR401AL, PE-SR401FL, RG401


Similar Part No. - PE4376

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4376 PASTERNACK-PE4376 Datasheet
376Kb / 3P
N Male Connector Solder Attachment
PE4376 PASTERNACK-PE4376_16 Datasheet
376Kb / 3P
N Male Connector Solder Attachment
More results

Similar Description - PE4376

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4434 PASTERNACK-PE4434 Datasheet
121Kb / 1P
N MAELE SOLDER/CLAMP FOR RG401 PE-SR401AL & PE-SR401FL
PE4140 PASTERNACK-PE4140 Datasheet
286Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4907 PASTERNACK-PE4907 Datasheet
213Kb / 2P
SMA Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4380 PASTERNACK-PE4380 Datasheet
122Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE44289 PASTERNACK-PE44289 Datasheet
116Kb / 1P
7/16 FEMALE, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
PE4908 PASTERNACK-PE4908 Datasheet
219Kb / 3P
BNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4909 PASTERNACK-PE4909 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4942 PASTERNACK-PE4942 Datasheet
104Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE4930 PASTERNACK-PE4930 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE44071 PASTERNACK-PE44071 Datasheet
126Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com